Electronic Components Datasheet Search
  English  ▼

X  

B190B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B190B
Description  1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B190B Datasheet(HTML) 1 Page - Diodes Incorporated

  B190B Datasheet HTML 1Page - Diodes Incorporated B190B Datasheet HTML 2Page - Diodes Incorporated B190B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30018 Rev. 6 - 2
1 of 3
B170/B - B1100/B
www.diodes.com
ã Diodes Incorporated
B170/B - B1100/B
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Guard Ring Die Construction for Transient Protection
·
Ideally Suited for Automatic Assembly
·
Low Power Loss, High Efficiency
·
Surge Overload Rating to 30A Peak
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
·
High Temperature Soldering: 260°C/10 Second at Terminal
·
Lead Free Finish/RoHS Compliant (Note 3)
Mechanical Data
·
Case: SMA / SMB
·
Case Material: Molded Plastic
. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking: Type Number
·
SMA Weight: 0.064 grams (approximate)
·
SMB Weight: 0.093 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A
B
C
D
G
H
E
J
Characteristic
Symbol
B170/B
B180/B
B190/B
B1100/B
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current
@ TT = 125°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
30
A
Forward Voltage @ IF = 1.0A
@ TA = 25°C
@ TA = 100°C
VFM
0.79
0.69
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
0.5
5.0
mA
Typical Total Capacitance (Note 2)
CT
80
pF
Typical Thermal Resistance Junction to Terminal (Note 1)
RqJT
25
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7.
No Suffix Designates SMA Package
“B” Suffix Designates SMB Package
Dim
SMA
SMB
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.30
2.00
2.40
All Dimensions in mm
SPICE MODELS: B170 B180 B190 B1100
B170B B180B B190B B1100B


Similar Part No. - B190B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B190B DIODES-B190B Datasheet
64Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. B-2
logo
Weitron Technology
B190B WEITRON-B190B Datasheet
216Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B190B-13 DIODES-B190B-13 Datasheet
101Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
B190B-13-F DIODES-B190B-13-F Datasheet
101Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
B190BQ DIODES-B190BQ Datasheet
393Kb / 5P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 2
More results

Similar Description - B190B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB170 DIODES-SB170 Datasheet
63Kb / 2P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
DFLS1100 DIODES-DFLS1100 Datasheet
86Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30497 Rev. 4 - 2
DFLS1200 DIODES-DFLS1200 Datasheet
382Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30628 Rev. 3 - 2
B170 DIODES-B170_10 Datasheet
101Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
B1100LB DIODES-B1100LB_10 Datasheet
107Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30077 Rev. 10 - 2
DFLS1150 DIODES-DFLS1150_08 Datasheet
132Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30593 Rev. 6 - 2
SB170 DIODES-SB170_15 Datasheet
64Kb / 2P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse
B1100LB DIODES-B1100LB_15 Datasheet
107Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 10
B170BQ DIODES-B170BQ Datasheet
393Kb / 5P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 2
B170Q DIODES-B170Q Datasheet
314Kb / 5P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com