Electronic Components Datasheet Search
  English  ▼

X  

EMC1403 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC1403
Description  1째C Temperature Sensor with Beta Compensation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1403 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC1403 Datasheet HTML 34Page - SMSC Corporation EMC1403 Datasheet HTML 35Page - SMSC Corporation EMC1403 Datasheet HTML 36Page - SMSC Corporation EMC1403 Datasheet HTML 37Page - SMSC Corporation EMC1403 Datasheet HTML 38Page - SMSC Corporation EMC1403 Datasheet HTML 39Page - SMSC Corporation EMC1403 Datasheet HTML 40Page - SMSC Corporation EMC1403 Datasheet HTML 41Page - SMSC Corporation EMC1403 Datasheet HTML 42Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
1°C Temperature Sensor with Beta Compensation
Datasheet
SMSC EMC1403/EMC1404
39
Revision 1.16 (03-15-07)
DATASHEET
Bit 0 - IHIGH - This bit is set when the Internal Diode channel exceeds its programmed high limit.
6.16
Low Limit Status Register
The Low Limit Status Register contains the status bits that are set when a temperature channel drops
below the low limit. If any of these bits are set, then the LOW status bit in the Status Register is set.
Reading from the Low Limit Status Register will clear all bits. Reading from the register will also clear
the LOW status bit in the Status Register.
The ALERT pin will be set if the programmed number of consecutive alert counts have been met and
any of these status bits are set.
The status bits will remain set until read unless the ALERT pin is configured as a comparator output
(see Section 5.3.2).
Bit 3 - E3LOW - This bit is set when the External Diode 3 channel drops below its programmed low
limit.
Bit 2 - E2LOW - This bit is set when the External Diode 2 channel drops below its programmed low
limit.
Bit 1 - E1LOW - This bit is set when the External Diode 1 channel drops below its programmed low
limit.
Bit 0 - ILOW - This bit is set when the Internal Diode channel drops below its programmed low limit.
6.17
THERM Limit Status Register
The THERM Limit Status Register contains the status bits that are set when a temperature channel
THERM Limit is exceeded. If any of these bits are set, then the THERM status bit in the Status Register
is set. Reading from the THERM Limit Status Register will not clear the status bits. Once the
temperature drops below the THERM Limit minus the THERM Hysteresis, the corresponding status
bits will be automatically cleared. The THERM bit in the Status Register will be cleared when all
individual channel THERM bits are cleared.
Bit 3 - E3THERM - This bit is set when the External Diode 3 channel exceeds it’s programmed THERM
Limit. When set, this bit will assert the THERM pin.
Bit 2 - E2THERM - This bit is set when the External Diode 2 channel exceeds it’s programmed THERM
Limit. When set, this bit will assert the THERM pin.
Bit 1 - E1THERM - This bit is set when the External Diode 1 channel exceeds it’s programmed THERM
limit. When set, this bit will assert the THERM pin.
Table 6.20 Low Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
36h
R-C
Low Limit
Status
-
-
-
-
E3L
OW
E2L
OW
E1LOW
ILOW
00h
Table 6.21 THERM Limit Status Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
37h
R-C
THERM
Limit Status
-
-
-
-
-
E3
THERM
E2
THERM
E1
THERM
ITHERM
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com