Electronic Components Datasheet Search
  English  ▼

X  

EMC1423 Datasheet(PDF) 39 Page - SMSC Corporation

Part # EMC1423
Description  1째C Temperature Sensor with Hardware Thermal Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1423 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button EMC1423 Datasheet HTML 35Page - SMSC Corporation EMC1423 Datasheet HTML 36Page - SMSC Corporation EMC1423 Datasheet HTML 37Page - SMSC Corporation EMC1423 Datasheet HTML 38Page - SMSC Corporation EMC1423 Datasheet HTML 39Page - SMSC Corporation EMC1423 Datasheet HTML 40Page - SMSC Corporation EMC1423 Datasheet HTML 41Page - SMSC Corporation EMC1423 Datasheet HTML 42Page - SMSC Corporation EMC1423 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
1°C Temperature Sensor with Hardware Thermal Shutdown
Datasheet
SMSC EMC1423/EMC1424
39
Revision 1.16 (03-15-07)
DATASHEET
6.14
Beta Configuration Registers
This register is used to set the Beta Compensation factor that is used for the external diode channels.
Bit 3 - ENABLEx - Enables the Beta Compensation factor autodetection function. This function shall
be disabled for External Diode 2.
‘0’ - The Beta Compensation Factor autodetection circuitry is disabled. The External Diode will
always use the Beta Compensation factor set by the BETAx[2:0] bits.
‘1’ (default) - The Beta Compensation factor autodetection circuitry is enabled. At the beginning of
every conversion, the optimal Beta Compensation factor setting will be determined and applied.
The BETAx[2:0] bits will be automatically updated to indicate the current setting.
Bit 2-0 - BETAx[2:0] - These bits always reflect the current beta configuration settings. If autodetection
circuitry is enabled, then these bits will be updated automatically and writing to these bits will have no
effect. If the autodetection circuitry is disabled, then these bits will determine the beta configuration
setting that is used for their respective channels.
Care should be taken when setting the BETAx[2:0] bits when the autodetection circuitry is disabled. If
the Beta Compensation factor is set at a beta value that is higher than the transistor beta, then the
circuit may introduce measurement errors. When measuring a discrete thermal diode (such as
2N3904) or a CPU diode that functions like a discrete thermal diode (such as an AMD processor
diode), then the BETAx[2:0] bits should be set to ‘111b’.
Table 6.15 Consecutive Alert / THERM Settings
21
0
NUMBER OF CONSECUTIVE OUT OF LIMIT
MEASUREMENTS
00
0
1
(default for CALRT[2:0])
00
1
2
01
1
3
11
1
4
(default for CTHRM[2:0])
Table 6.16 Beta Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
26h
R/W
External Diode
2 Beta
Configuration
-
-
-
-
ENABLE2
BETA2[2:0]
08h for
EMC1423 or
07h for
EMC1424
Table 6.17 CPU Beta Values
HEX
ENABLEX
BETAX[2:0]
MINIMUM BETA
21
0
0h
0
0
0
0
0.11
1h
0
0
0
1
0.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com