Electronic Components Datasheet Search
  English  ▼

X  

TMC2005 Datasheet(PDF) 8 Page - SMSC Corporation

Part # TMC2005
Description  ARCNET 5 Port HUB Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2005 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button TMC2005 Datasheet HTML 4Page - SMSC Corporation TMC2005 Datasheet HTML 5Page - SMSC Corporation TMC2005 Datasheet HTML 6Page - SMSC Corporation TMC2005 Datasheet HTML 7Page - SMSC Corporation TMC2005 Datasheet HTML 8Page - SMSC Corporation TMC2005 Datasheet HTML 9Page - SMSC Corporation TMC2005 Datasheet HTML 10Page - SMSC Corporation TMC2005 Datasheet HTML 11Page - SMSC Corporation TMC2005 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ARCNET 5 Port HUB Controller
Datasheet
Revision 1.0 (01-30-06)
Page 8
SMSC TMC2005-JT
DATASHEET
FEATURE
NAME
INPUT/OUTPUT
DESCRIPTION
mode.
The pulse is always active Low.
TX Port
Polarity
Setup
LA, LB, LE
INPUT
Setup the polarity of TXENA
[0:1], TXENB [0:1], EXTTX.
0 : active L
1: active H
TX Port
Mode Setup
MA, MB, ME
INPUT
Setup the mode of TXENA [0:1],
TXENB [0:1], EXTTX.
0: Output TX pulse. (It is
equivalent to nTXEN “OR”
nP1BAK)
1: Output TX enable
Operating Mode Setup
FEATURE
NAME
INPUT/
OUTPUT
DESCRIPTION
Data rate
setup
CKM [0:2]
INPUT
Terminal to setup the data rate of TMC2005.
CKM2 CKM1 CKM0 DIVISOR MULTIPLIER
SPEED
0
0
0
16
x1
156.25 Kbps
0
0
1
8
x1
312.5 Kbps
0
1
0
4
x1
625 Kbps
0
1
1
2
x1
1.25 Mbps
1
0
0
1
x1
2.5 Mbps
1
0
1
1
x2
5 Mbps
1
1
0 Reserved Reserved
Reserved
1
1
1
1
x4
10 Mbps
External clock is 20MHz.
Refer to “VARIOUS SETUP”
Noise cut
mode
nMBA
nMBB
nMBE
INPUT
0: Cut off noise from received data
1: Don’t cut off noise
Setup “0” normally.
Big jitter
mode
nBJA
nBJB
nBJE
INPUT
Setup a jitter filter feature.
Select a pulse as reference phase used by DPLL.
0: 2
nd pulse (big jitter mode)
1: 1
st pulse (normal mode)
Open drain
mode
nEXTOD
INPUT
Setup a the use of EXTTX port.
0: Set EXTTX as open drain output and use as Ext.
1: Set EXTTX as normal output and use as 5
th port.
PLL
FEATURE
NAME
INPUT/
OUTPUT
DESCRIPTION
LP
OUTPUT
Using PLL: Connect to an external condenser
“C1” for loop filter.
Using no PLL: must be open.
RO
OUTPUT
VCO output
Using PLL: Connect to an external resistor “R0” for
loop filter.
Using no PLL: must be open.
AGS
INPUT
Analog sense input.
Using PLL: Connect to loop filter.
Using no PLL: Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com