Electronic Components Datasheet Search
  English  ▼

X  

1N459 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N459
Description  SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N459 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N459 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESIGN DATA
Case: Hermetically sealed glass package per MIL-
PRF-19500/193 DO-7 outline
Lead Material: Copper clad steel
Lead Finish: Tin/Lead
Thermal Impedance (ZθJX): 70°C/W maximum
Marking: Blue body coat. Black digits.
Polarity: Cathode end is banded.
MAXIMUM RATINGS AT 25
°C
Operating Temperature:
-65
°C to +175°C
Storage Temperature:
-65
°C to +175°C
Surge Current A, sine, 8.3mS:
120mA
Total Power Dissipation:
500mW
Operating Current:
40mA, TA= +25°C
Derating Factor:
0.32mA/
°C above T
A= +25°C
D.C. Reverse Voltage (VRWM):
175V
FEATURES
• 1N459 AVAILABLE AS 1N459A, & AS JAN1N459 PER MIL-PRF-19500/193
• SWITCHING DIODE
• METALLURGICALLY BONDED
• HERMETICALLY SEALED
• DOUBLE PLUG CONSTRUCTION
DC ELECTRICAL CHARACTERISTICS
VF
IR
Ambient
(
°C)
IF
mA
Min
V
Max
V
Ambient
(
°C)
V (dc)
Min
µA
Max
µA
25
3
-
1
25
175
-
0.025
25
200(ac)
-
100.0
150
175
-
5.0
IRELAND - GORT ROAD
, ENNIS, CO. CLARE
PHONE:
+353 65 6840044
TOLL FREE:
+186 62 702434
FAX:
+353 65 6822298
U.S.A. DOMESTIC SALES CONTACT
PHONE:
(617) 926 0404
TOLL FREE:
1 800 666 2999
WWW.MICROSEMI.COM
1N459


Similar Part No. - 1N459

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N459 FAIRCHILD-1N459 Datasheet
26Kb / 2P
Small Signal Diode
logo
List of Unclassifed Man...
1N459 ETC1-1N459 Datasheet
266Kb / 6P
silicon diode
logo
National Semiconductor ...
1N459 NSC-1N459 Datasheet
38Kb / 2P
High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
1N459 FAIRCHILD-1N459 Datasheet
28Kb / 2P
Small Signal Diode
logo
Microsemi Corporation
1N459 MICROSEMI-1N459 Datasheet
122Kb / 2P
SWITCHING DIODE
More results

Similar Description - 1N459

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com