Electronic Components Datasheet Search
  English  ▼

X  

ISP1122 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # ISP1122
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button ISP1122 Datasheet HTML 40Page - NXP Semiconductors ISP1122 Datasheet HTML 41Page - NXP Semiconductors ISP1122 Datasheet HTML 42Page - NXP Semiconductors ISP1122 Datasheet HTML 43Page - NXP Semiconductors ISP1122 Datasheet HTML 44Page - NXP Semiconductors ISP1122 Datasheet HTML 45Page - NXP Semiconductors ISP1122 Datasheet HTML 46Page - NXP Semiconductors ISP1122 Datasheet HTML 47Page - NXP Semiconductors ISP1122 Datasheet HTML 48Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
45 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
19. Revision history
Table 36: Revision history
Rev
Date
CPCN
Description
03
20000329
Product specification, third version; supersedes ISP1122-02 of 4 October 1999
(9397 750 06389). Modifications:
• Table 1 “Ordering information”: table note on LQFP32 availability removed
• Table 23 “Configuration bits”: values of bits C7 and C6 exchanged
• Section 12.4 “Reference circuits”: resistor value for soft turn-on RC-circuit changed from
10 k
Ω to 47 kΩ; see also Figure 10 to 13.
02
19991004
Product specification, second version; supersedes initial version ISP1122-01 of
3 June 1999 (9397 750 05154). Modifications:
• Terminology made consistent: ganged power switching, global overcurrent detection
• Added note on availability of LQFP32 to Table 1 “Ordering information”
• Updated reference circuits in Section 12.4 “Reference circuits”: pull-up resistors changed
to 330 k
Ω, soft turn-on RC network: capacitor moved and changed to 0.1 µF
• Updated Figure 22 “Load impedance for D+ and D- pins.”: VCC -> Vreg(3.3).
01
19990603
Product specification; initial version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com