Electronic Components Datasheet Search
  English  ▼

X  

K3958M Datasheet(PDF) 2 Page - EPCOS

Part # K3958M
Description  IF Filter for Video Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K3958M Datasheet(HTML) 2 Page - EPCOS

  K3958M Datasheet HTML 1Page - EPCOS K3958M Datasheet HTML 2Page - EPCOS K3958M Datasheet HTML 3Page - EPCOS K3958M Datasheet HTML 4Page - EPCOS K3958M Datasheet HTML 5Page - EPCOS K3958M Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Mar 31, 2006
SAW Components
K 3958 M
33,90 MHz and 38,90 MHz
IF Filter for Video Applications
Data Sheet
Plastic package SIP5K
Standard
s
B/G
s
D/K
s
I
s
L/L’
Features
s
TV IF filter with Nyquist slopes at 33.90 MHz and
38.90 MHz
s
Constant group delay
Terminals
s
Tinned CuFe alloy
Pin configuration
1
Input
2
Input - ground
3
Chip - carrier ground
4
Output
5
Output
Type
Ordering code
Marking and package
according to
Packing
according to
K 3958 M
B38389-K3958-M100
C61157-A1-A15
F61064-V8067-Z000
Maximum ratings
Operable temperature range
TA
–25/+65
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
between any terminals
AC voltage
Vpp
10
V
between any terminals
Dimensions in mm, approx. weight 1,0 g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com