Electronic Components Datasheet Search
  English  ▼

X  

L78M00 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L78M00
Description  Positive voltage regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M00 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L78M00_06 Datasheet HTML 22Page - STMicroelectronics L78M00_06 Datasheet HTML 23Page - STMicroelectronics L78M00_06 Datasheet HTML 24Page - STMicroelectronics L78M00_06 Datasheet HTML 25Page - STMicroelectronics L78M00_06 Datasheet HTML 26Page - STMicroelectronics L78M00_06 Datasheet HTML 27Page - STMicroelectronics L78M00_06 Datasheet HTML 28Page - STMicroelectronics L78M00_06 Datasheet HTML 29Page - STMicroelectronics L78M00_06 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Order code
L78M00 series
28/30
7
Order code
Table 15.
Order code
Part numbers
Packaging
TO-220
TO-220FP
DPAK
IPAK
Output
voltage
L78M05
L78M05CV
L78M05CP
L78M05CDT-TR
L78M05CDT-1
5 V
L78M06
L78M06CV
L78M06CP
L78M06CDT-TR
L78M06CDT-1 (1)
1.
Available on request
6 V
L78M08
L78M08CV
L78M08CP
L78M08CDT-TR
L78M08CDT-1 (1)
8 V
L78M09
L78M09CV
L78M09CP
L78M09CDT-TR
L78M09CDT-1 (1)
9 V
L78M10
L78M10CV
L78M10CP
L78M10CDT-TR
L78M10CDT-1 (1)
10 V
L78M12
L78M12CV
L78M12CP
L78M12CDT-TR
L78M12CDT-1
12 V
L78M15
L78M15CV
L78M15CP
L78M15CDT-TR
L78M15CDT-1
15 V
L78M18
L78M18CV
L78M18CP (1)
L78M18CDT-TR
L78M18CDT-1 (1)
18 V
L78M20
L78M20CV
L78M20CP (1)
L78M20CDT-TR (1)
L78M20CDT-1 (1)
20 V
L78M24
L78M24CV
L78M24CP (1)
L78M24CDT-TR
L78M24CDT-1 (1)
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com