Electronic Components Datasheet Search
  English  ▼

X  

ISP1122BD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # ISP1122BD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122BD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button ISP1122BD Datasheet HTML 2Page - NXP Semiconductors ISP1122BD Datasheet HTML 3Page - NXP Semiconductors ISP1122BD Datasheet HTML 4Page - NXP Semiconductors ISP1122BD Datasheet HTML 5Page - NXP Semiconductors ISP1122BD Datasheet HTML 6Page - NXP Semiconductors ISP1122BD Datasheet HTML 7Page - NXP Semiconductors ISP1122BD Datasheet HTML 8Page - NXP Semiconductors ISP1122BD Datasheet HTML 9Page - NXP Semiconductors ISP1122BD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
6 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
5.2 ISP1122BD (LQFP32)
5.2.1
Pinning
5.2.2
Pin description
Fig 4.
Pin configuration LQFP32.
handbook, full pagewidth
ISP1122BD
MBL018
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DP3
VCC
OC1
DM4
DM0
DP1
DM1
DP5
DM5
INDV/SDA
OPTION/SCL
RESET
OC2
OC3
OC4
OC5/GOC
Table 3:
Pin description for LQFP32
Symbol [1]
Pin
Type
Description
Vreg(3.3) [2]
29
-
regulated supply voltage (3.3 V
± 10%) from internal
regulator; used to connect pull-up resistor on DP0 line
PSW2/GL2 [3]
30
O
modes 4 to 6: power switch control output for downstream
port 2 (open-drain, 6 mA)
modes 0 to 3, 7: GoodLink LED indicator output for
downstream port 2 (open-drain, 6 mA); to connect an LED
use a 330
Ω series resistor
GND
31
-
ground supply
DM3
32
AI/O
downstream port 3 D
− connection (analog) [4]
DP3
1
AI/O
downstream port 3 D
+ connection (analog) [4]
VCC
2
-
supply voltage; connect to USB supply VBUS (bus-powered or
hybrid-powered) or to local supply VDD (self-powered)
OC1
3
AI/I
overcurrent sense input for downstream port 1 (analog [5])
OC2
4
AI/I
overcurrent sense input for downstream port 2 (analog [5])
OC3
5
AI/I
overcurrent sense input for downstream port 3 (analog [5])
OC4
6
AI/I
overcurrent sense input for downstream port 4 (analog [5])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com