Electronic Components Datasheet Search
  English  ▼

X  

THS7316D Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316D
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7316D Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS7316D Datasheet HTML 14Page - Texas Instruments THS7316D Datasheet HTML 15Page - Texas Instruments THS7316D Datasheet HTML 16Page - Texas Instruments THS7316D Datasheet HTML 17Page - Texas Instruments THS7316D Datasheet HTML 18Page - Texas Instruments THS7316D Datasheet HTML 19Page - Texas Instruments THS7316D Datasheet HTML 20Page - Texas Instruments THS7316D Datasheet HTML 21Page - Texas Instruments THS7316D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
www.ti.com
P’R
Out 2
75 W
+
75 W
P’R
Out 1
75 W
+
75 W
P’B
Out 2
75 W
+
75 W
P’B
Out 1
75 W
+
75 W
Y’
Out 2
75 W
+
75 W
Y’
Out 1
75 W
330 f
m
(Note A)
+
75 W
5
8
7
6
1
2
3
4
Y’
3.3V
3.3V
P’B
P’R
THS 7314
+
R
R
3.3 V
R
3.3 V
3.01MW
3.01MW
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
22 F
m
VS+
GND
CH.2IN
CH.3IN
CH.1IN
CH.3OUT
CH.2OUT
CH.1OUT
DAC/
Encoder
3.3V
3.3V
3.3V
HDTV
720p/1080i
Y’P’ P’
G’B’R’
B
R
330 f
m
(Note A)
330 f
m
(Note A)
330 f
m
(Note A)
330 f
m
(Note A)
330 f
m
(Note A)
THS7316
SLOS521 – MARCH 2007
APPLICATION INFORMATION (continued)
Due to the edge rates and frequencies of operation, it is recommended – but not required – to place a 0.1-
µF to
0.01-
µF capacitor in parallel with the large 220-µF to 1000-µF capacitor. These large value capacitors are most
commonly aluminum electrolytic. These capacitors have significantly large ESR (equivalent series resistance),
and their impedance at high frequencies is large due to the associated inductances involved with the leads and
construction. The small 0.1-
µF to 0.01-µF capacitors help pass these high frequency (>1 MHz) signals with
much lower impedance than the large capacitors.
Although it is common to use the same capacitor values for all the video lines, the frequency bandwidth of the
chroma signal in a S-Video system are not required to go as low – or as high of a frequency – as the luma
channels. Thus the capacitor values of the chroma line(s) can be smaller – such as 0.1-
µF.
A.
Due to the high frequency content of the video signal, it is recommended, but not required, to add a 0.1-
µF or
0.01-
µF capacitor in parallel with these large capacitors.
B.
Current sinking DAC / Encoder shown. See the application notes.
Figure 32. Typical 480i/576i Y'P'BP'R AC-Input System Driving 2 AC-Coupled Video Lines
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com