Electronic Components Datasheet Search
  English  ▼

X  

ISP1107DH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ISP1107DH
Description  Advanced Universal Serial Bus transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1107DH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ISP1107DH Datasheet HTML 9Page - NXP Semiconductors ISP1107DH Datasheet HTML 10Page - NXP Semiconductors ISP1107DH Datasheet HTML 11Page - NXP Semiconductors ISP1107DH Datasheet HTML 12Page - NXP Semiconductors ISP1107DH Datasheet HTML 13Page - NXP Semiconductors ISP1107DH Datasheet HTML 14Page - NXP Semiconductors ISP1107DH Datasheet HTML 15Page - NXP Semiconductors ISP1107DH Datasheet HTML 16Page - NXP Semiconductors ISP1107DH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
13 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
10. Dynamic characteristics
Table 16:
Dynamic characteristics: analog I/O pins (D
+, D−)[1]
VCC = 4.0 to 5.5 V or Vreg(3.3) = 3.0 to 3.6 V; VCC(I/O) = 1.65 to 3.6 V; VGND = 0 V; see Table 10 for valid voltage level
combinations; Tamb = −40 to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
Full-speed mode (SPEED = HIGH)
tFR
rise time
CL = 50 to 125 pF;
10 to 90% of
|VOH − VOL|;
see Figure 5
4
-
20
ns
tFF
fall time
CL = 50 to 125 pF;
90 to 10% of
|VOH − VOL|;
see Figure 5
4
-
20
ns
FRFM
differential rise/fall time
matching (tFR/tFF)
excluding the first transition
from Idle state
90
-
111.1
%
VCRS
output signal crossover
voltage
excluding the first transition
from Idle state; see Figure 8
[2] 1.3
-
2.0
V
Low-speed mode (SPEED = LOW)
tLR
rise time
CL = 50 to 600 pF;
10 to 90% of
|VOH − VOL|;
see Figure 5
75
-
300
ns
tLF
fall time
CL = 50 to 600 pF;
90 to 10% of
|VOH − VOL|;
see Figure 5
75
-
300
ns
LRFM
differential rise/fall time
matching (tLR/tLF)
excluding the first transition
from Idle state
80
-
125
%
VCRS
output signal crossover
voltage
excluding the first transition
from idle state; see Figure 8
[2] 1.3
-
2.0
V
Driver timing
Full-speed mode (SPEED = HIGH)
tPLH(drv)
driver propagation delay
LOW-to-HIGH; see Figure 8
--18
ns
tPHL(drv)
(VO/VPO, FSE0/VMO to
D
+,D−)
HIGH-to-LOW; see Figure 8
--18
ns
tPHZ
driver disable delay
HIGH-to-OFF; see Figure 6
--15
ns
tPLZ
(OE to D
+,D−)
LOW-to-OFF; see Figure 6
--15
ns
tPZH
driver enable delay
OFF-to-HIGH; see Figure 6
--15
ns
tPZL
(OE to D
+,D−)
OFF-to-LOW; see Figure 6
--15
ns
Low-speed mode (SPEED = LOW)
Not specified: low-speed delay timings are dominated by the slow rise/fall times tLR and tLF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com