Electronic Components Datasheet Search
  English  ▼

X  

HIN232 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIN232
Description  5V Powered RS-232 Transmitters/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN232 Datasheet(HTML) 2 Page - Intersil Corporation

  HIN232 Datasheet HTML 1Page - Intersil Corporation HIN232 Datasheet HTML 2Page - Intersil Corporation HIN232 Datasheet HTML 3Page - Intersil Corporation HIN232 Datasheet HTML 4Page - Intersil Corporation HIN232 Datasheet HTML 5Page - Intersil Corporation HIN232 Datasheet HTML 6Page - Intersil Corporation HIN232 Datasheet HTML 7Page - Intersil Corporation HIN232 Datasheet HTML 8Page - Intersil Corporation HIN232 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Pin Descriptions
PIN
FUNCTION
VCC
Power Supply Input 5V
±10%.
V+
Internally generated positive supply (+10V nominal), HIN239 requires +7.5V to +13.2V.
V-
Internally generated negative supply (-10V nominal).
GND
Ground lead. Connect to 0V.
C1+
External capacitor (+ terminal) is connected to this lead.
C1-
External capacitor (- terminal) is connected to this lead.
C2+
External capacitor (+ terminal) is connected to this lead.
C2-
External capacitor (- terminal) is connected to this lead.
TIN
Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k
Ω pull-up resistor to V
CC is connected to each lead.
TOUT
Transmitter Outputs. These are RS-232 levels (nominally
±10V).
RIN
Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k
Ω pull-down resistor to GND is connected to each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN
Enable input. This is an active low input which enables the receiver outputs. With EN = 5V, the receiver outputs are placed in
a high impedance state.
SD
Shutdown Input. With SD = 5V, the charge pump is disabled, the receiver outputs are in a high impedance state and the
transmitters are shut off.
NC
No Connect. No connections are made to these leads.
HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com