Electronic Components Datasheet Search
  English  ▼

X  

MMDT4403 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT4403
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT4403 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT4403 Datasheet HTML 1Page - Diodes Incorporated MMDT4403 Datasheet HTML 2Page - Diodes Incorporated MMDT4403 Datasheet HTML 3Page - Diodes Incorporated MMDT4403 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30110 Rev. 7 - 2
1 of 4
MMDT4403
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Ideal for Low Power Amplification and Switching
·
Ultra-Small Surface Mount Package
·
Lead Free/RoHS Compliant (Note 3)
Features
A
M
J
L
D
B C
H
K
G
F
C
1
B
2
E
2
E
1
B
1
C
2
Mechanical Data
MMDT4403
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Characteristic
Symbol
MMDT4403
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous (Note 1)
IC
-600
mA
Power Dissipation (Note 1, 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
°
C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°
C
Maximum Ratings
@ TA = 25°C unless otherwise specified
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0°
8°
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Maximum combined dissipation.
3.
No purposefully added lead.
E
2
B
2
E
1
C
2
B
1
C
1
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Terminal Connections: See Diagram
·
Marking (See Page 2): K2T
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.006 grams (approx.)
SPICE MODEL: MMDT4403


Similar Part No. - MMDT4403

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT4403 TRSYS-MMDT4403 Datasheet
193Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403 Datasheet
50Kb / 3P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 3P-1
logo
Micro Commercial Compon...
MMDT4403 MCC-MMDT4403 Datasheet
306Kb / 3P
PNP Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
logo
Pan Jit International I...
MMDT4403 PANJIT-MMDT4403 Datasheet
121Kb / 3P
DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results

Similar Description - MMDT4403

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3906 TRSYS-MMDT3906 Datasheet
195Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4403 TRSYS-MMDT4403 Datasheet
193Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com