Electronic Components Datasheet Search
  English  ▼

X  

MMDT4401 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT4401
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT4401 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT4401 Datasheet HTML 1Page - Diodes Incorporated MMDT4401 Datasheet HTML 2Page - Diodes Incorporated MMDT4401 Datasheet HTML 3Page - Diodes Incorporated MMDT4401 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMDT4401
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
·
Terminal Connections: See Diagram
·
Marking (See Page 2): K2X
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.006 grams (approximate)
DS30111 Rev. 10 - 2
1 of 4
MMDT4401
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Ideal for Low Power Amplification and Switching
·
Ultra-Small Surface Mount Package
·
Lead Free/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
Maximum Ratings @ TA = 25°C unless otherwise specified
Mechanical Data
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current - Continuous (Note 1)
IC
600
mA
Power Dissipation (Note 1, 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
°
C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°
C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Maximum combined dissipation.
3. No purposefully added lead.
A
B C
J
D
H
K
F
M
L
C
2
B
1
E
1
E
2
E
2
B
2
B
2
C
1
C
1
C
2
B
1
E
1
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0°
8°
All Dimensions in mm
Features
SPICE MODEL: MMDT4401


Similar Part No. - MMDT4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT4401 TRSYS-MMDT4401 Datasheet
192Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4401 DIODES-MMDT4401 Datasheet
55Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
MMDT4401 BILIN-MMDT4401 Datasheet
166Kb / 3P
Dual NPN Small Signal Surface Mount Transistor
logo
Micro Commercial Compon...
MMDT4401 MCC-MMDT4401 Datasheet
149Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT4401 DIODES-MMDT4401 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
More results

Similar Description - MMDT4401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30638 Rev. 5 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 13
IMX8 DIODES-IMX8_15 Datasheet
125Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com