Electronic Components Datasheet Search
  English  ▼

X  

MEK150-04DA Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MEK150-04DA
Description  Fast Recovery Diode Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MEK150-04DA Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MEK150-04DA Datasheet HTML 1Page - Inchange Semiconductor Company Limited MEK150-04DA Datasheet HTML 2Page - Inchange Semiconductor Company Limited MEK150-04DA Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISUM6020
eq MEK150-04DA
Fast Recovery Diode Module
www.iscsemi.com
1
DESCRIPTION
·
International standard packagewith DCB ceramic base plate
·
Planar passivated chips
·
Short recovery time
·
Low switching losses
·
Soft recovery behaviour
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VR
Diode reverse voltage,TJ=25℃
400
V
IF
DC current,TC=100℃,rectangular, d = 0.5
150
A
IFpuls
Pulsed diode current, TVJ = 45℃; t = 10 ms (50 Hz), sine
1200
A
PD
Power dissipation per diode,TC=25℃
260
W
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
Visol
Insulation test voltage, t = 1min
3600
V
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.35
℃
/W


Similar Part No. - MEK150-04DA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MEK150-04DA IXYS-MEK150-04DA Datasheet
29Kb / 1P
Fast Recovery Epitaxial Diode (FRED) Module
More results

Similar Description - MEK150-04DA

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2FI100G FUJI-2FI100G Datasheet
102Kb / 4P
FAST RECOVERY DIODE MODULE
2FI50F FUJI-2FI50F Datasheet
103Kb / 4P
FAST RECOVERY DIODE MODULE
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
Fast Recovery Diode Module
DFM600FXM12-A000 DYNEX-DFM600FXM12-A000_10 Datasheet
251Kb / 6P
Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
Fast Recovery Diode Module
DFM900FXM18-A000 DYNEX-DFM900FXM18-A000_10 Datasheet
253Kb / 6P
Fast Recovery Diode Module
DFM900FXS12-A000 DYNEX-DFM900FXS12-A000 Datasheet
250Kb / 6P
Fast Recovery Diode Module
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000_11 Datasheet
270Kb / 6P
Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000 Datasheet
269Kb / 6P
Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
Fast Recovery Diode Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com