Electronic Components Datasheet Search
  English  ▼

X  

BAS70W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS70W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70W Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS70W_1 Datasheet HTML 1Page - Diodes Incorporated BAS70W_1 Datasheet HTML 2Page - Diodes Incorporated BAS70W_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30113 Rev. 11 - 2
1 of 3
BAS70W/ -04/ -05/ -06
www.diodes.com
ã Diodes Incorporated
·
Low Turn-on Voltage
·
Fast Switching
·
PN Junction Guard Ring for Transient and ESD Protection
·
Ultra-Small Surface Mount Package
·
Lead Free/RoHS Compliant (Note 3)
·
"Green" Device (Note 4 and 5)
A
M
J
L
E
D
B C
H
K
G
Mechanical Data
·
Case: SOT-323
·
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Polarity: See Diagrams Below
·
Marking: See Diagrams Below & Page 3
·
Weight: 0.006 grams (approximate)
BAS70W/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Electrical Ratings @ TA = 25°C unless otherwise specified
BAS70W Marking: K73
BAS70W-04 Marking: K74
BAS70W-05 Marking: K75
BAS70W-06 Marking: K76
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Forward Continuous Current (Note 1)
IF
70
mA
Non-Repetitive Peak Forward Surge Current @ tp
< 1.0s
IFSM
100
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Maximum Ratings and Electrical Characteristics, Single Diode @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
70
—
—
IR = 10
mA
Forward Voltage
VF
—
410
1000
mV
tp <300µs, IF = 1.0mA
tp <300µs, IF = 15mA
Reverse Current (Note 2)
IR
¾
100
nA
tp < 300µs, VR = 50V
Total Capacitance
CT
¾
2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
Irr = 0.1 x IR, RL = 100
W
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0
°
8
°
All Dimensions in mm
TOP VIEW
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Features
Lead-free Green
SPICE MODELS: BAS70W BAS70W-04 BAS70W-05 BAS70W-06


Similar Part No. - BAS70W_1

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BAS70W BILIN-BAS70W_14 Datasheet
161Kb / 3P
Surface Mount Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
BAS70W SECOS-BAS70W_15 Datasheet
73Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
BAS70W DIODES-BAS70W_15 Datasheet
117Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
logo
Pan Jit International I...
BAS70W PANJIT-BAS70W_16 Datasheet
269Kb / 6P
SURFACE MOUNT SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAS70W BILIN-BAS70W_18 Datasheet
147Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAS70W_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com