Electronic Components Datasheet Search
  English  ▼

X  

ICM7243BLPL Datasheet(PDF) 13 Page - Intersil Corporation

Part # ICM7243BLPL
Description  8-Character, Microprocessor-Compatible, LED Display Decoder Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7243BLPL Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ICM7243BLPL Datasheet HTML 6Page - Intersil Corporation ICM7243BLPL Datasheet HTML 7Page - Intersil Corporation ICM7243BLPL Datasheet HTML 8Page - Intersil Corporation ICM7243BLPL Datasheet HTML 9Page - Intersil Corporation ICM7243BLPL Datasheet HTML 10Page - Intersil Corporation ICM7243BLPL Datasheet HTML 11Page - Intersil Corporation ICM7243BLPL Datasheet HTML 12Page - Intersil Corporation ICM7243BLPL Datasheet HTML 13Page - Intersil Corporation ICM7243BLPL Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
FN3162.3
October 28, 2005
Dual-In-Line Plastic Packages (PDIP)
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between English
and Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2
of Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in
JEDEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 inch (0.25mm).
6. E and
are measured with the leads constrained to be
perpendicular to datum
.
7. eB and eC are measured at the lead tips with the leads
unconstrained. eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions.
Dambar protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3,
E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
eA
-C-
CL
E
eA
C
eB
eC
-B-
E1
INDEX
12 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C A
M
BS
E40.6 (JEDEC MS-011-AC ISSUE B)
40 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A-
0.250
-
6.35
4
A1
0.015
-
0.39
-4
A2
0.125
0.195
3.18
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.030
0.070
0.77
1.77
8
C
0.008
0.015
0.204
0.381
-
D
1.980
2.095
50.3
53.2
5
D1
0.005
-
0.13
-5
E
0.600
0.625
15.24
15.87
6
E1
0.485
0.580
12.32
14.73
5
e
0.100 BSC
2.54 BSC
-
eA
0.600 BSC
15.24 BSC
6
eB
-
0.700
-
17.78
7
L
0.115
0.200
2.93
5.08
4
N40
40
9
Rev. 0 12/93
ICM7243
ICM7243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com