Electronic Components Datasheet Search
  English  ▼

X  

ICM7213 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICM7213
Description  One Second/One Minute Timebase Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7213 Datasheet(HTML) 1 Page - Intersil Corporation

  ICM7213 Datasheet HTML 1Page - Intersil Corporation ICM7213 Datasheet HTML 2Page - Intersil Corporation ICM7213 Datasheet HTML 3Page - Intersil Corporation ICM7213 Datasheet HTML 4Page - Intersil Corporation ICM7213 Datasheet HTML 5Page - Intersil Corporation ICM7213 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TM
December 2001
ICM7213
One Second/One Minute
Timebase Generator
Features
• Guaranteed 2V Operation
• Very Low Current Consumption (Typ) . . . . 100
µA at 3V
• All Outputs TTL Compatible
• On Chip Oscillator Feedback Resistor
• Oscillator Requires Only 3 External components:
Fixed Capacitor, Trim Capacitor, and A Quartz Crystal
• Output Inhibit Function
• 4 Simultaneous Outputs: One Pulse/s, One Pulse/Min,
16Hz and Composite 1024 + 16 + 2Hz Outputs
• Test Speed-Up Provides Other Frequency Outputs
Description
The ICM7213 is a fully integrated micropower oscillator and
frequency divider with four buffered outputs suitable for inter-
facing with most logic families. The power supply may be
either a two battery stack (Ni-cad, alkaline, etc.) or a regular
power supply greater than 2V. Depending upon the state of
the
WIDTH,
INHIBIT,
and
TEST
inputs,
using
a
4.194304MHz crystal will produce a variety of output fre-
quencies including 2048Hz, 1024Hz, 34.133Hz, 16Hz, 1Hz,
and 1/60Hz (plus composites).
The ICM7213 utilizes a very high speed low power metal
gate CMOS technology which uses 6.4V zeners between the
drains and sources of each transistor and also across the
supply terminals. Consequently, the ICM7213 is limited to a
6V maximum VSUPPLY, although a simple dropping network
can be used to extend the VSUPPLY range well above 6V
(See Figure 9).
Pinout
ICM7213
(PDIP)
TOP VIEW
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ICM7213IPD
-25 to 85
14 Ld PDIP
E14.3
WIDTH
OUT 3
INHIBIT
VSS
OSC OUT
OSC IN
N/ C
OUT 4
OUT 2
OUT 1
TEST
VDD
N/ C
N/ C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
File Number
3165.2
OBSO
LETE
PROD
UCT
NO RE
COMM
ENDE
D REP
LACE
MENT
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001. All Rights Reserved


Similar Part No. - ICM7213

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7213 INTERSIL-ICM7213 Datasheet
47Kb / 6P
One Second/One Minute Timebase Generator
August 1997
ICM7213 INTERSIL-ICM7213 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7213 INTERSIL-ICM7213 Datasheet
2Mb / 99P
TIMEKEEPING DTMF CIRCUITS
ICM7213IPD INTERSIL-ICM7213IPD Datasheet
47Kb / 6P
One Second/One Minute Timebase Generator
August 1997
More results

Similar Description - ICM7213

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7213 INTERSIL-ICM7213 Datasheet
47Kb / 6P
One Second/One Minute Timebase Generator
August 1997
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
One-PLL Clock Generator
logo
Harris Corporation
ICM7209 HARRIS-ICM7209 Datasheet
190Kb / 3P
TIMEBASE GENERATOR
logo
Texas Instruments
ISO7230A TI-ISO7230A Datasheet
746Kb / 17P
One Megabit per Second Triple Digital Isolators
logo
E-SWITCH
TL1270F160BLQBT E-SWITCH-TL1270F160BLQBT Datasheet
223Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQAT E-SWITCH-TL1270F160GYQAT Datasheet
217Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQBT E-SWITCH-TL1270F160GYQBT Datasheet
223Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQAT E-SWITCH-TL1270F160REQAT Datasheet
216Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQBT E-SWITCH-TL1270F160REQBT Datasheet
223Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
logo
List of Unclassifed Man...
231-20 ETC2-231-20 Datasheet
184Kb / 1P
DLELECTRIC WITHSTANDING:500VAC FOR ONE MINUTE.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com