Electronic Components Datasheet Search
  English  ▼

X  

ICM7232CRIPL Datasheet(PDF) 13 Page - Intersil Corporation

Part # ICM7232CRIPL
Description  Numeric/Alphanumeric Triplexed LCD Display Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7232CRIPL Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ICM7232CRIPL Datasheet HTML 9Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 10Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 11Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 12Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 13Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 14Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 15Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 16Page - Intersil Corporation ICM7232CRIPL Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
31
DATA CLOCK Input signal, and when the correct number of
bits has been shifted into the shift register (8 in the
ICM7232), the DATA ACCEPTED Output goes low. Follow-
ing this, a low-going pulse at the WRITE input will trigger the
chip to decode the data and store it in the output latches of
the addressed digit/character. After the data is latched at the
outputs, the shift register and the control logic are reset,
returning the DATA ACCEPTED Output high. After this
occurs, a pulse at the WRITE input will not change the out-
puts, but will reset the control logic and shift register, assuring
that each data bit will be entered into the correct position in
the shift register depending on subsequent DATA CLOCK
inputs.
The shift register and control logic will also be reset if too
many DATA CLOCK INPUT edges are received; this pre-
vents incorrect data from being decoded. In the ICM7232,
the eleventh clock resets the shift register and control logic.
The recommended procedure for entering data is shown in
the serial input timing diagram, Figure 2. First, when DATA
ACCEPTED is high, send a WRITE pulse. This resets the
shift register and control logic and initializes the chip for the
data input sequence. Next clock in the appropriate number
of correct data and address bits. The DATA ACCEPTED
Output may be monitored if desired, to determine when the
chip is ready to output the decoded data. When the correct
number
of
bits
has
been
entered,
and
the
DATA
ACCEPTED Output is low, a pulse at WRITE will cause the
data to be decoded and stored in the latches of the
addressed digit/character. The shift register and control logic
are reset, causing DATA ACCEPTED to return high, and
leaving the chip ready to accept data for the next digit/char-
acter.
Note that for the ICM7232 the eleventh clock resets the shift
register and control logic, but the DATA ACCEPTED Output
goes low after the eighth clock. This allows the user to
abbreviate the data to eight bits, which will write the correct
character to the 7-segment display, but will leave the annun-
ciators off, as shown in Figure 3.
If only AN2 is to be turned on, nine bits are clocked in; if AN1
is to be turned on, all ten bits are used.
The DATA ACCEPTED Output will drive one low-power
Schottky TTL input, and has equal current drive capability
pulling high or low.
Note that in the serial Input devices, it is possible to address
digits/characters which don’t exist. As shown in Table 2
when an incorrect address is applied together with a WRITE
pulse, none of the outputs will be changed.
Display Fonts and Output Codes
The standard versions of the ICM7231 and ICM7232 chips are
programmed to drive a 7-segment display plus two annuncia-
tors per digit. See Table 3 for annunciator input controls.
The “A” and “B” suffix chips place both annunciators on BP3.
The display connections for one digit of this display are
shown in Figure 13. The “A” devices decode the input data
into a hexadecimal 7-segment output, while the “B” devices
supply Code B outputs (see Table 1).
The “C” devices place the left hand annunciator on BP1 and
the right hand annunciator (usually a decimal point) on BP3.
(See Figure 14). The “C” devices provide only a “Code B”
output for the 7 segments.
TABLE 1. BlNARY DATA DECODING ICM7231 AND ICM7232
CODE INPUT
DISPLAY OUTPUT
BD3
BD2
BD1
BD0
HEX
CODE B
00
00
00
01
00
10
00
11
01
00
01
01
01
10
01
11
10
00
10
01
10
10
10
11
11
00
11
01
11
10
ICM7231, ICM7232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com