Electronic Components Datasheet Search
  English  ▼

X  

MMDT2227 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMDT2227
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT2227 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMDT2227 Datasheet HTML 1Page - Diodes Incorporated MMDT2227 Datasheet HTML 2Page - Diodes Incorporated MMDT2227 Datasheet HTML 3Page - Diodes Incorporated MMDT2227 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30122 Rev. 8 - 2
3 of 4
MMDT2227
www.diodes.com
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-60
¾
V
IC = -10
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-60
¾
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
¾
V
IE = -10
mA, IC = 0
Collector Cutoff Current
ICBO
¾
-10
nA
mA
VCB = -50V, IE = 0
VCB = -50V, IE = 0, TA = 125
°C
Collector Cutoff Current
ICEX
¾
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
Base Cutoff Current
IBL
¾
-50
nA
VCE = -30V, VEB(OFF) = -0.5V
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
75
100
100
100
50
¾
¾
¾
300
¾
¾
IC = -100µA, VCE = -10V
IC = -1.0mA, VCE = -10V
IC = -10mA, VCE = -10V
IC = -150mA, VCE = -10V
IC = -500mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.4
-1.6
V
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(SAT)
¾
-1.3
-2.6
V
IC = 150mA, IB = 15mA
IC = 500mA, IB = 50mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
8.0
pF
VCB = -10V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
—30
pF
VEB = -2.0V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
200
¾
MHz
VCE = -20V, IC = -50mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Turn-On Time
toff
¾
45
ns
Delay Time
td
¾
10
ns
VCC = -30V, IC = -150mA,
IB1 = -15mA
Rise Time
tr
¾
40
ns
Turn-Off Time
toff
¾
100
ns
Storage Time
ts
¾
80
ns
VCC = -6.0V, IC = -150mA,
IB1 = IB2 = -15mA
Fall Time
tf
¾
30
ns
Electrical Characteristics, 2907A Type (PNP)
@ TA = 25
°C unless otherwise specified
Note:
4. Short duration test pulse used to minimize self-heating effect.
V , REVERSE VOLTAGE (V)
Fig. 3, Typical
R
Capacitance Characteristics
(2907A Type - PNP)
0
5
10
15
20
25
30
35
0
24
6
8
10 12 14 16
18 20
Cobo
Cibo
f=1MHz
I , BASE CURRENT (mA)
Fig. 4, Typical Collector Saturation Region
(2907A Type - PNP)
B
-0.2
0
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-0.01
-0.001
-1
-10
-0.1
-100
I = -1mA
C
I = -10mA
C
I = -30mA
C
I = -100mA
C
I = -300mA
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com