Electronic Components Datasheet Search
  English  ▼

X  

SB170 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SB170
Description  1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB170 Datasheet(HTML) 2 Page - Diodes Incorporated

  SB170 Datasheet HTML 1Page - Diodes Incorporated SB170 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS30116 Rev. 3 - 1
2 of 2
SB170 - SB1100
www.diodes.com
0.1
1.0
10
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
20
0.5
0.1
0.9
1.3
1.7
2.1
T= 25 C
j
°
10
20
30
40
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half Sine-Wave
(JEDEC Method)
T = 150 C
j
°
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
0
0.5
1.0
25
50
75
100
125
150
T , LEAD TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
L
°
Ordering Information
Device
Packaging
Shipping
SB170-A
DO-41
5K/Ammo Pack
SB170-B
DO-41
1K/Bulk
SB170-T
DO-41
5K/Tape & Reel, 13-inch
SB180-A
DO-41
5K/Ammo Pack
SB180-B
DO-41
1K/Bulk
SB180-T
DO-41
5K/Tape & Reel, 13-inch
SB190-A
DO-41
5K/Ammo Pack
SB190-B
DO-41
1K/Bulk
SB190-T
DO-41
5K/Tape & Reel, 13-inch
SB1100-A
DO-41
5K/Ammo Pack
SB1100-B
DO-41
1K/Bulk
SB1100-T
DO-41
5K/Tape & Reel, 13-inch
(Note 4)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com