Electronic Components Datasheet Search
  English  ▼

X  

HIP4080 Datasheet(PDF) 18 Page - Intersil Corporation

Part # HIP4080
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4080 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button HIP4080 Datasheet HTML 13Page - Intersil Corporation HIP4080 Datasheet HTML 14Page - Intersil Corporation HIP4080 Datasheet HTML 15Page - Intersil Corporation HIP4080 Datasheet HTML 16Page - Intersil Corporation HIP4080 Datasheet HTML 17Page - Intersil Corporation HIP4080 Datasheet HTML 18Page - Intersil Corporation HIP4080 Datasheet HTML 19Page - Intersil Corporation HIP4080 Datasheet HTML 20Page - Intersil Corporation HIP4080 Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Supplemental Information for HIP4080
and HIP4081 Power-Up Application
The HIP4080 and HIP4081 H-Bridge Driver ICs require
external circuitry to assure reliable start-up conditions of the
upper drivers. If not addressed in the application, the H-bridge
power MOSFETs may be exposed to shoot-through current,
possibly leading to MOSFET failure. Following the instructions
below will result in reliable start-up.
HIP4081
The HIP4081 has four inputs, one for each output. Outputs ALO
and BLO are directly controlled by input ALI and BLI. By holding
ALI and BLI low during start-up no shoot-through conditions
can occur. To set the latches to the upper drivers such that the
driver outputs, AHO and BHO, are off, the DIS pin must be
toggled from low to high after power is applied. This is
accomplished with a simple resistor divider, as shown below in
Figure 36. As the VDD/VCC supply ramps from zero up, the DIS
voltage is below its input threshold of 1.7V due to the R1/R2
resistor divider. When VDD/VCC exceeds approximately 9V to
10V, DIS becomes greater than the input threshold and the chip
disables all outputs. It is critical that ALI and BLI be held low
prior to DIS reaching its threshold level of 1.7V while VDD/VCC
is ramping up, so that shoot through is avoided. After power is
up the chip can be enabled by the ENABLE signal which pulls
the DIS pin low.
HIP4080
The HIP4080 does not have an input protocol like the HIP4081
that keeps both lower power MOSFETs off other than through
the DIS pin. IN+ and IN- are inputs to a comparator that control
the bridge in such a way that only one of the lower power
devices is on at a time, assuming DIS is low. However, keeping
both lower MOSFETs off can be accomplished by controlling
the lower turn-on delay pin, LDEL, while the chip is enabled, as
shown in Figure 37. Pulling LDEL to VDD will indefinitely delay
the lower turn-on delays through the input comparator and will
keep the lower MOSFETs off. With the lower MOSFETs off and
the chip enabled, i.e., DIS = low, IN+ or IN- can be switched
through a full cycle, properly setting the upper driver outputs.
Once this is accomplished, LDEL is released to its normal
operating point. It is critical that IN+/IN- switch a full cycle while
LDEL is held high, to avoid shoot-through. This start-up
procedure can be initiated by the supply voltage and/or the chip
enable command by the circuit in Figure 37.
FIGURE 36.
FIGURE 37.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
BHI
DIS
VSS
BLI
ALI
HDEL
AHI
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
3.3K
R2
ENABLE
R1
15K
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
BHI
DIS
VSS
BLI
ALI
HDEL
AHI
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
3.3K
R2
R1
15K
ENABLE
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1 BHB
HEN
DIS
VSS
OUT
IN+
HDEL
IN-
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
100K
RDEL
RDEL
VDD
0.1
µF
2N3906
VDD
ENABLE
VDD
56K
8.2V
56K
100K
HIP4080
HIP4080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com