Electronic Components Datasheet Search
  English  ▼

X  

BAV70DW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV70DW
Description  QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV70DW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV70DW Datasheet HTML 1Page - Diodes Incorporated BAV70DW Datasheet HTML 2Page - Diodes Incorporated BAV70DW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
A
B C
J
D
H
K
F
M
L
TOP VIEW
C
1
A
1
A
1
A
2
A
2
C
2
DS30132 Rev. 8 - 2
1 of 3
BAV70DW
www.diodes.com
ã Diodes Incorporated
BAV70DW
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
Mechanical Data
Features
·
Fast Switching Speed
·
Ultra-Small Surface Mount Package
·
For General Purpose Switching Applications
·
High Conductance
·
Two “BAV70” Circuits In One Package
·
Lead Free/RoHS Compliant (Note 3)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Average Rectified Output Current (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
°
C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
75
¾
V
IF = 2.5mA
Forward Voltage
VF
¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 2)
IR
¾
2.5
50
30
25
m
A
m
A
m
A
nA
VR = 75V
VR = 75V, Tj = 150°C
VR = 25V, Tj = 150°C
VR = 20V
Total Capacitance
CT
¾
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0°
8°
All Dimensions in mm
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Please see Ordering Information, Note 5, Page 3.
·
Orientation: See Diagram
·
Marking: KJA (see page 3)
·
Weight: 0.006 grams (approximate)
SPICE MODEL: BAV70DW


Similar Part No. - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
62Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 4 - 2
logo
Weitron Technology
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
logo
Pan Jit International I...
BAV70DW PANJIT-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAV70DW WEITRON-BAV70DW Datasheet
1Mb / 3P
Surface Mount Switching Multi-Chip
More results

Similar Description - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV756DW DIODES-BAV756DW Datasheet
53Kb / 2P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. B-1
BAV99BRW DIODES-BAV99BRW Datasheet
61Kb / 2P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30155 Rev. C-1
BAV99DW DIODES-BAV99DW Datasheet
67Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. C-2
BAW567DW DIODES-BAW567DW_1 Datasheet
355Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30147 Rev. 8 - 2
BAV756DW DIODES-BAV756DW_1 Datasheet
353Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. 7 - 2
logo
Guangdong Kexin Industr...
KAV70DW KEXIN-KAV70DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
KAV99DW KEXIN-KAV99DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
KAW567DW KEXIN-KAW567DW Datasheet
43Kb / 1P
Quad Surface Mount Switching Diode Array
logo
Diodes Incorporated
BAW567DW DIODES-BAW567DW_15 Datasheet
125Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
logo
Pan Jit International I...
BAV99BRW PANJIT-BAV99BRW_16 Datasheet
166Kb / 5P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com