Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BSS138
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138 Datasheet(HTML) 4 Page - Diodes Incorporated

  BSS138 Datasheet HTML 1Page - Diodes Incorporated BSS138 Datasheet HTML 2Page - Diodes Incorporated BSS138 Datasheet HTML 3Page - Diodes Incorporated BSS138 Datasheet HTML 4Page - Diodes Incorporated BSS138 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS30144 Rev. 11 - 2
4 of 5
BSS138
www.diodes.com
0
I , DRAIN CURRENT (A)
D
Fig. 6 Drain-Source On Resistance vs. Drain Current
1
2
3
5
4
6
7
8
9
0
0.05
0.1
0.2
0.15
0.25
150
°C
-55
°C
25
°C
V
= 2.75V
GS
0
1
2
3
4
5
6
0.05
0
0.15
0.1
0.25
0.2
0.35
0.3
0.4
0.45
0.5
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 7 Drain-Source On Resistance vs. Drain Current
150
°C
-55
°C
25
°C
V
= 4.5V
GS
0
0.5
1
1.5
2
2.5
3
3.5
0.05
0
0.15
0.1
0.25
0.2
0.35
0.3
0.4
0.45
0.5
I , DRAIN CURRENT (A)
D
Fig. 8 Drain-Source On Resistance vs. Drain Current
150
°C
-55
°C
25
°C
V
= 10V
GS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com