Electronic Components Datasheet Search
  English  ▼

X  

B130L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B130L
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B130L Datasheet(HTML) 2 Page - Diodes Incorporated

  B130L Datasheet HTML 1Page - Diodes Incorporated B130L Datasheet HTML 2Page - Diodes Incorporated B130L Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30151 Rev. 6 - 2
2 of 3
B130L
www.diodes.com
0.1
1.0
10
00.1
0.2
0.4
0.3
0.6
0.5
0.7
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 100 C
j
°
T = 125 C
j
°
T= -40 C
j
°
T= 85 C
j
°
T= 25 C
j
°
0
0
0.5
1.0
25
50
75
100
125
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
1.5
2.0
2.5
T = 125 C
j
°
1.0
10
100
1000
015
10
25
30
35
20
40
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
5.0
T = 25 C
j
°
0
5
10
15
20
25
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
V , RATED PEAK REVERSE VOLTAGE (V)
Fig.5 Typical Reverse Characteristics
R
010
30
20
100
10
1
.1
.01
.001
T= 85 C
j
°
T = 100 C
j
°
T = 125 C
j
°
T= 25 C
j
°
T= 0 C
j
°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com