Electronic Components Datasheet Search
  English  ▼

X  

HIP5600 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP5600
Description  Thermally Protected High Voltage Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5600 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP5600 Datasheet HTML 8Page - Intersil Corporation HIP5600 Datasheet HTML 9Page - Intersil Corporation HIP5600 Datasheet HTML 10Page - Intersil Corporation HIP5600 Datasheet HTML 11Page - Intersil Corporation HIP5600 Datasheet HTML 12Page - Intersil Corporation HIP5600 Datasheet HTML 13Page - Intersil Corporation HIP5600 Datasheet HTML 14Page - Intersil Corporation HIP5600 Datasheet HTML 15Page - Intersil Corporation HIP5600 Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
75
FIGURE 28. LINE TRANSIENT RESPONSE
FIGURE 29. LOAD TRANSIENT RESPONSE
FIGURE 30. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 31. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 32. REFERENCE VOLTAGE vs INPUT VOLTAGE
FIGURE 33. REFERENCE VOLTAGE vs VIN; CASE TEMPERA-
TURE OF +25oC
Typical Performance Curves (Continued)
0V
100V
400V
INPUT
VOLTAGE
VOUT
15V
C3 = 10
µF
100mV/DIV
C3 = 0
µF
VOUT = 15VDC
IL= 5mA
TJ = +25oC
T = 100ms/DIV
100V/DIV
15V
C3 = 10
µF
20mV/DIV
0mA
10mA
5mA
T= 100ms/DIV
5mA/DIV
C3 = 0
µF
VIN = 400VDC
VOUT = 15V
TJ = +25oC
1.10
1.11
1.12
1.13
1.14
1.15
1.16
1.17
1.18
1.19
1.20
1.21
CASE TEMPERATURE (oC)
1mA
5mA
-40
-20
0
25406080
100
20mA
30mA
10mA
VIN = 50VDC
1.00
1.05
1.10
1.15
1.20
1.25
CASE TEMPERATURE (oC)
1mA
5mA
10mA
30mA
-40
-20
0
254060
80
20mA
VIN = 400VDC
0
100
200
300
400
1.08
1.09
1.10
1.11
1.12
1.13
1.14
1.15
1.16
1.17
1.18
1.19
1.20
INPUT VOLTAGE (VDC)
TC = -40oC
TC = +25oC
TC = +100oC
IOUT = 10mA
0
100
200
300
400
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
INPUT VOLTAGE (VDC)
1mA
10mA
20mA
30mA
5mA
HIP5600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com