Electronic Components Datasheet Search
  English  ▼

X  

DG441 Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG441
Description  Monolithic, Quad SPST, CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG441 Datasheet(HTML) 2 Page - Intersil Corporation

  DG441 Datasheet HTML 1Page - Intersil Corporation DG441 Datasheet HTML 2Page - Intersil Corporation DG441 Datasheet HTML 3Page - Intersil Corporation DG441 Datasheet HTML 4Page - Intersil Corporation DG441 Datasheet HTML 5Page - Intersil Corporation DG441 Datasheet HTML 6Page - Intersil Corporation DG441 Datasheet HTML 7Page - Intersil Corporation DG441 Datasheet HTML 8Page - Intersil Corporation DG441 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN3281.10
November 20, 2006
Functional Diagrams
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
DG441DJ
DG441DJ
-40 to +85
16 Ld PDIP
E16.3
DG441DJZ (Note)
DG441DJZ
-40 to +85
16 Ld PDIP* (Pb-free)
E16.3
DG441DY
DG441DY
-40 to +85
16 Ld SOIC
M16.15
DG441DY-T
DG441DY
16 Ld SOIC Tape and Reel
M16.15
DG441DYZ (Note)
DG441DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG441DYZ-T (Note)
DG441DYZ
16 Ld SOIC Tape and Reel (Pb-free)
M16.15
DG441DYZA (Note)
DG441DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG441DYZA-T (Note)
DG441DYZ
16 Ld SOIC Tape and Reel (Pb-free)
M16.15
DG441DVZ (Note)
DG441DVZ
-40 to +85
16 Ld TSSOP (Pb-free)
M16.173
DG441DVZ-T (Note)
DG441DVZ
-40 to +85
16 Ld TSSOP Tape and Reel (Pb-free)
M16.173
DG442DJ
DG442DJ
-40 to +85
16 Ld PDIP
E16.3
DG442DJZ (Note)
DG442DJZ
-40 to +85
16 Ld PDIP* (Pb-free)
E16.3
DG442DY
DG442DY
-40 to +85
16 Ld SOIC
M16.15
DG442DY-T
DG442DY
16 Ld SOIC Tape and Reel
M16.15
DG442DYZ (Note)
DG442DYZ
-40 to +85
16 Ld SOIC (Pb-free)
M16.15
DG442DYZ-T (Note)
DG442DYZ
16 Ld SOIC Tape and Reel (Pb-free)
M16.15
DG442DVZ (Note)
DG442DVZ
-40 to +85
16 Ld TSSOP (Pb-free)
M16.173
DG442DVZ-T (Note)
DG442DVZ
16 Ld TSSOP Tape and Reel (Pb-free)
M16.173
*Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
TRUTH TABLE
LOGIC
VIN
DG441
DG442
0
≤0.8V
ON
OFF
1
≥2.4V
OFF
ON
S1
D1
S2
D2
S3
D3
S4
D4
IN1
DG441
IN2
IN3
IN4
IN1
DG442
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
SWITCHES SHOWN FOR LOGIC “1” INPUT
DG441, DG442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com