Electronic Components Datasheet Search
  English  ▼

X  

DG401 Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG401
Description  Monolithic CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG401 Datasheet(HTML) 2 Page - Intersil Corporation

  DG401 Datasheet HTML 1Page - Intersil Corporation DG401 Datasheet HTML 2Page - Intersil Corporation DG401 Datasheet HTML 3Page - Intersil Corporation DG401 Datasheet HTML 4Page - Intersil Corporation DG401 Datasheet HTML 5Page - Intersil Corporation DG401 Datasheet HTML 6Page - Intersil Corporation DG401 Datasheet HTML 7Page - Intersil Corporation DG401 Datasheet HTML 8Page - Intersil Corporation DG401 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN3284.11
November 20, 2006
Schematic Diagram
TRUTH TABLE
LOGIC
DG401
DG403
SWITCH
SWITCH 1, 2
SWITCH 3, 4
0OFF
OFF
ON
1ON
ON
OFF
NOTE:
Logic “0”
≤0.8V. Logic “1” ≥2.4V.
Functional Diagrams
DG401
DG403
SWITCHES SHOWN FOR LOGIC “1” INPUT
15
10
9
16
8
1
S1
IN1
IN2
S2
D1
D2
VL
V+
GND
V-
12
11
13
14
15
10
9
4
16
5
8
3
1
6
S1
S3
IN1
IN2
S2
S4
D1
D3
D2
D4
VL
V+
GND
V-
12
11
13
14
V-
V+
V+
VL
VIN
GND
V-
DRAIN
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com