Electronic Components Datasheet Search
  English  ▼

X  

CD4049UBMS Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD4049UBMS
Description  CMOS Hex Buffer/Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBMS Datasheet(HTML) 5 Page - Intersil Corporation

  CD4049UBMS Datasheet HTML 1Page - Intersil Corporation CD4049UBMS Datasheet HTML 2Page - Intersil Corporation CD4049UBMS Datasheet HTML 3Page - Intersil Corporation CD4049UBMS Datasheet HTML 4Page - Intersil Corporation CD4049UBMS Datasheet HTML 5Page - Intersil Corporation CD4049UBMS Datasheet HTML 6Page - Intersil Corporation CD4049UBMS Datasheet HTML 7Page - Intersil Corporation CD4049UBMS Datasheet HTML 8Page - Intersil Corporation CD4049UBMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN3315.1
March 6, 2007
Output Current (Sink)
IOL4
VDD = 4.5V, VOUT = 0.4V
6, 7
+125
1.8
-
mA
-55
3.3
-
mA
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
6, 7
+125
2.4
-
mA
-55
4.0
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
6, 7
+125
5.6
-
mA
-55
10
-
mA
Output Current (Sink)
IOL15
VDD = 15V, VOUT = 1.5V
6, 7
+125
18
-
mA
-55
26
-
mA
Output Current (Source)
IOH5A
VDD = 5V, VOUT = 4.6V
6, 7
+125
-
-0.48
mA
-55
-
-0.81
mA
Output Current (Source)
IOH5B
VDD = 5V, VOUT = 2.5V
6, 7
+125
-
-1.55
mA
-55
-
-2.6
mA
Output Current (Source)
IOH10
VDD = 10V, VOUT = 9.5V
6, 7
+125
-
-1.18
mA
-55
-
-2.0
mA
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
6, 7
+125
-
-3.1
mA
-55
-
-5.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
6, 7
+25, +125, -55
-
2
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
6, 7
+25, +125, -55
8
-
V
Propagation Delay
tPHL
VIN = 10V, VDD = 5V
6, 7, 8
+25
-
30
ns
VIN = 10V, VDD = 10V
6, 7, 8
+25
-
40
ns
Propagation Delay
tPLH
VIN = 10V, VDD = 5V
6, 7, 8
+25
-
90
ns
VIN = 10V, VDD = 10V
6, 7, 8
+25
-
65
ns
Propagation Delay
tPHL
VIN = 15V, VDD = 5V
6, 7, 8
+25
-
20
ns
VIN = 15V, VDD = 15V
6, 7, 8
+25
-
30
ns
Propagation Delay
tPLH
VIN = 15V, VDD = 5V
6, 7, 8
+25
-
90
ns
VIN = 15V, VDD = 15V
6, 7, 8
+25
-
50
ns
Transition Time
tTHL
VDD = 10V, VIN = VDD OR GND
6, 7, 8
+25
-
40
ns
VDD = 15V, VIN = VDD OR GND
6, 7, 8
+25
-
30
ns
Transition Time
tTLH
VDD = 10V, VIN = VDD OR GND
6, 7, 8
+25
-
80
ns
VDD = 15V, VIN = VDD OR GND
6, 7, 8
+25
-
60
ns
Input Capacitance
CIN
Any Input
6, 7
+25
-
22.5
pF
NOTES:
6. All voltages referenced to device GND.
7. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial
design release and upon design changes which would affect these characteristics.
8. CL = 50pF, RL = 200k, Input tR, tF < 20ns.
Post Irradiation Electrical Performance Characteristics
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMP (°C)
LIMITS
UNITS
MIN
MAX
CD4049UBMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com