Electronic Components Datasheet Search
  English  ▼

X  

LX10M Datasheet(PDF) 2 Page - ASEMI TECHNOLOGY., LTD

Part # LX10M
Description  ASEMI Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

LX10M Datasheet(HTML) 2 Page - ASEMI TECHNOLOGY., LTD

  LX10M Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD LX10M Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD LX10M Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3-2
www.asemi99.com
2018.11 Rev.3.1
Rating and Characteristic Curves ( TA=25 Unless otherwise noted )
C
o
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.0
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ = 150℃
TJ = 125℃
TJ = 100℃
TJ = 25℃
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0.001
0
20
0.1
1
10
100
TJ=100
oC
TJ=125
oC
TJ=150
oC
TJ=25
oC
40
60
80
100
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.2
1.0
0.6
0
0
20
40
60
100
80
120
140
160
CASE TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
0
10
5
15
20
25
35
30
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1
2
4
10
20
40
100
10
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.0
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ = 150℃
TJ = 125℃
TJ = 100℃
TJ = 25℃
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0.001
0
20
0.1
1
10
100
TJ=100
oC
TJ=125
oC
TJ=150
oC
TJ=25
oC
40
60
80
100
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.2
1.0
0.6
0
0
20
40
60
100
80
120
140
160
CASE TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
0
10
5
15
20
25
35
30
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1
2
4
10
20
40
100
10
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.0
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ = 150℃
TJ = 125℃
TJ = 100℃
TJ = 25℃
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0.001
0
20
0.1
1
10
100
TJ=100
oC
TJ=125
oC
TJ=150
oC
TJ=25
oC
40
60
80
100
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.2
1.0
0.6
0
0
20
40
60
100
80
120
140
160
CASE TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
0
10
5
15
20
25
35
30
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1
2
4
10
20
40
100
10
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.0
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ = 150℃
TJ = 125℃
TJ = 100℃
TJ = 25℃
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0.001
0
20
0.1
1
10
100
TJ=100
oC
TJ=125
oC
TJ=150
oC
TJ=25
oC
40
60
80
100
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.2
1.0
0.6
0
0
20
40
60
100
80
120
140
160
CASE TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
0
10
5
15
20
25
35
30
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1
2
4
10
20
40
100
10
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.0
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ = 150℃
TJ = 125℃
TJ = 100℃
TJ = 25℃
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0.001
0
20
0.1
1
10
100
TJ=100
oC
TJ=125
oC
TJ=150
oC
TJ=25
oC
40
60
80
100
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.2
1.0
0.6
0
0
20
40
60
100
80
120
140
160
CASE TEMPERATURE,
o
C
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
0
10
5
15
20
25
35
30
1
10
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1
2
4
10
20
40
100
10
LX005M THRU LX10M
CURRENT
1.0 Ampere
VOLTAGE RANG
50 to 1000 Volts
ASEMI Bridge Rectifier



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com