Electronic Components Datasheet Search
  English  ▼

X  

HA5023IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA5023IP
Description  Dual 125MHz Video Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5023IP Datasheet(HTML) 1 Page - Intersil Corporation

  HA5023IP Datasheet HTML 1Page - Intersil Corporation HA5023IP Datasheet HTML 2Page - Intersil Corporation HA5023IP Datasheet HTML 3Page - Intersil Corporation HA5023IP Datasheet HTML 4Page - Intersil Corporation HA5023IP Datasheet HTML 5Page - Intersil Corporation HA5023IP Datasheet HTML 6Page - Intersil Corporation HA5023IP Datasheet HTML 7Page - Intersil Corporation HA5023IP Datasheet HTML 8Page - Intersil Corporation HA5023IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
HA5023
Dual 125MHz Video Current
Feedback Amplifier
The HA5023 is a wide bandwidth high slew rate dual
amplifier optimized for video applications and gains between
1 and 10. It is a current feedback amplifier and thus yields
less bandwidth degradation at high closed loop gains than
voltage feedback amplifiers.
The low differential gain and phase, 0.1dB gain flatness, and
ability to drive two back terminated 75
Ω cables, make this
amplifier ideal for demanding video applications.
The current feedback design allows the user to take
advantage of the amplifier’s bandwidth dependency on the
feedback resistor. By reducing RF, the bandwidth can be
increased to compensate for decreases at higher closed
loop gains or heavy output loads.
The performance of the HA5023 is very similar to the
popular Intersil HA-5020
.
Features
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 125MHz
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 475V/
µs
• Input Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . 800
µV
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03%
• Differential Phase . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.03°
• Supply Current (per Amplifier) . . . . . . . . . . . . . . . . 7.5mA
• ESD Protection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4000V
• Guaranteed Specifications at
±5V Supplies
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Video Gain Block
• Video Distribution Amplifier/RGB Amplifier
• Flash A/D Driver
• Current to Voltage Converter
• Medical Imaging
• Radar and Imaging Systems
• Video Switching and Routing
Pinout
HA5023
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HA5023IP
HA5023IP
-40 to 85
8 Ld PDIP
E8.3
HA5023IPZ
(Note)
HA5023IPZ
-40 to 85
8 Ld PDIP*
(Pb-free)
E8.3
HA5023IB
5023I
-40 to 85
8 Ld SOIC
M8.15
HA5023IB96
5023I
-40 to 85
8 Ld SOIC
Tape and Reel
M8.15
HA5023IBZ
(Note)
5023IBZ
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
HA5023IBZ96
(Note)
5023IBZ
-40 to 85
8 Ld SOIC
Tape and Reel
(Pb-free)
M8.15
HA5023EVAL
High Speed Op Amp DIP Evaluation Board
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
OUT1
-IN1
+IN1
V-
1
2
3
4
8
7
6
5
V+
OUT2
-IN2
+IN2
+
-
+
-
Data Sheet
June 2, 2006
FN3393.8
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1998, 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA5023IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023IP INTERSIL-HA5023IP Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
More results

Similar Description - HA5023IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
Dual 125MHz Video Current Feedback Amplifier
January 1995
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com