Electronic Components Datasheet Search
  English  ▼

X  

VSC045N04MS Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VSC045N04MS
Description  N-Channel 40 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VSC045N04MS Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VSC045N04MS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VSC045N04MS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VSC045N04MS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VSC045N04MS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VSC045N04MS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VSC045N04MS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VSC045N04MS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VSC045N04MS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VSC045N04MS Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel 40 V (D-S) MOSFET
FEATURES
• TrenchFET® Power MOSFET
• 100 % Rg and UIS Tested
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. When mounted on 1" square PCB (FR-4 material).
PRODUCT SUMMARY
VDS (V)
40
RDS(on) () at VGS = 10 V
RDS(on) () at VGS = 4.5 V
0.040
ID (A)
4.8
Configuration
Single
D
G
S
N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
TC = 25 °C
ID
4.8
A
TC = 125 °C
3.6
Continuous Source Current (Diode Conduction)
IS
3.8
Pulsed Drain Currenta
IDM
Single Pulse Avalanche Current
L = 0.1 mH
IAS
13
Single Pulse Avalanche Energy
EAS
8mJ
Maximum Power Dissipationa
TC = 25 °C
PD
3
W
TC = 125 °C
1
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountb
RthJA
166
°C/W
Junction-to-Foot (Drain)
RthJF
50
VSC045N04MS
www.VBsemi.com
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
1
0.035
20
服务热线:400-655-8788


Similar Part No. - VSC045N04MS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC040P03MS VBSEMI-VSC040P03MS Datasheet
501Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - VSC045N04MS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
N-Channel 40-V (D-S) MOSFET
18-Aug-03
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
N-Channel 40-V (D-S) MOSFET
01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
N-Channel 40-V (D-S) MOSFET
02-Mar-09
SI4840BDY VISHAY-SI4840BDY Datasheet
240Kb / 10P
N-Channel 40-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM3940NE ANALOGPOWER-AM3940NE Datasheet
183Kb / 3P
N-Channel 40-V (D-S) MOSFET
AM70N04-06D ANALOGPOWER-AM70N04-06D Datasheet
352Kb / 5P
N-Channel 40-V (D-S) MOSFET
AM90N04-03P ANALOGPOWER-AM90N04-03P Datasheet
335Kb / 5P
N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7884BDP-T1-E3 VISHAY-SI7884BDP-T1-E3 Datasheet
164Kb / 9P
N-Channel 40-V (D-S) MOSFET
08-Sep-08
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
239Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com