Electronic Components Datasheet Search
  English  ▼

X  

HA5023IPZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # HA5023IPZ
Description  Dual 125MHz Video Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5023IPZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HA5023IPZ Datasheet HTML 8Page - Intersil Corporation HA5023IPZ Datasheet HTML 9Page - Intersil Corporation HA5023IPZ Datasheet HTML 10Page - Intersil Corporation HA5023IPZ Datasheet HTML 11Page - Intersil Corporation HA5023IPZ Datasheet HTML 12Page - Intersil Corporation HA5023IPZ Datasheet HTML 13Page - Intersil Corporation HA5023IPZ Datasheet HTML 14Page - Intersil Corporation HA5023IPZ Datasheet HTML 15Page - Intersil Corporation HA5023IPZ Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FN3393.8
June 2, 2006
FIGURE 38. DISABLE FEEDTHROUGH vs FREQUENCY
FIGURE 39. TRANSIMPEDANCE vs FREQUENCY
FIGURE 40. TRANSIMPEDENCE vs FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25°C,
Unless Otherwise Specified (Continued)
-20
-40
-50
-60
-70
-80
0.1
1
10
20
FREQUENCY (MHz)
-30
-10
0
DISABLE = 0V
VIN = 5VP-P
RF = 750Ω
-135
-90
-45
0
45
90
135
180
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
100
RL = 100Ω
FREQUENCY (MHz)
-135
-90
-45
0
45
90
135
180
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
100
RL = 400Ω
FREQUENCY (MHz)
HA5023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com