Electronic Components Datasheet Search
  English  ▼

X  

PLC497 Datasheet(PDF) 4 Page - Protek Devices

Part # PLC497
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC497 Datasheet(HTML) 4 Page - Protek Devices

  PLC497 Datasheet HTML 1Page - Protek Devices PLC497 Datasheet HTML 2Page - Protek Devices PLC497 Datasheet HTML 3Page - Protek Devices PLC497 Datasheet HTML 4Page - Protek Devices PLC497 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
05100.R6 2/07
www.protekdevices.com
PLC497
APPLICATION NOTE
The PLC497 is an ultra low capacitance, bidirectional array that is designed to protect I/O or high speed data lines from the damaging effects of ESD
or EFT. This product has a surge capability of 250 Watts P
PP per line for an 8/20µs wave form and offers ESD protection > 40kV.
DIFFERENTIAL-MODE CONFIGURATION (Figure 1)
The PLC497 is designed to protect one unidirectional line. Figure 1 shows a typical differential-mode (line to line) I/O port protection circuit application.
To achieve bidirectional protection, two PLC497 units are placed in parallel with opposing polarities within the circuit layout.
Circuit connectivity is as follows:
✔ Pins 1 and 2 of each device connected to datalines
✔ Pin 3 is not connected
COMMON-MODE CONFIGURATION (Figure 2)
The PLC497 can provide protection for sensor circuit applications. Figure 2 is a typical common-mode (line to ground) sensor circuit application. To
achieve bidirectional protection in this application, a second pair of TVS devices is added in parallel with opposing polarities where pins 2 are
connected to the line, pins 1 connected to ground and pins 3 unconnected.
Circuit connectivity is as follows:
✔ Pins 1 each device connected to datalines
✔ Pins 2 each device connected to ground
✔ Pin 3 is not connected
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following guidelines
are recommended:
✔
The protection device should be placed near the
input terminals or connectors, the device will divert
the transient current immediately before it can be
coupled into the nearby traces.
✔
The path length between the TVS device and the
protected line should be minimized.
✔
All conductive loops including power and ground
loops should be minimized.
✔
The transient current return path to ground should
be kept as short as possible to reduce parasitic
inductance.
✔
Ground planes should be used whenever possible.
For multilayer PCBs, use ground vias.
Figure 1. Typical Differential-Mode i/o Port Protection Circuit
2
2
1
1
3
3
LINE 1 OUT
LINE 1 IN
LINE 2 OUT
LINE 2 IN
Figure 2. Typical Common-Mode Sensor Protection Circuit
SENSOR
CIRCUITRY
1
2
3
3
2
1
1
2
2
33
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com