Electronic Components Datasheet Search
  English  ▼

X  

PA2423U Datasheet(PDF) 7 Page - SiGe Semiconductor, Inc.

Part # PA2423U
Description  RangeChargerTM 2.4 GHz Bluetoothtm Power Amplifier IC Preliminary
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U Datasheet(HTML) 7 Page - SiGe Semiconductor, Inc.

Back Button PA2423U Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 8Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 9Page - SiGe Semiconductor, Inc. PA2423U Datasheet HTML 10Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PA2423U
RangeCharger
TM 2.4 GHz Bluetoothtm Power Amplifier IC
Preliminary
131-DST-01 Rev 1.1 Apr-18-2006
Confidential
7 of 10
QA041806
Tape and Reel Information
Table 1 and Figure 7 show the PA2423U tape and reel information.
Parameter
Value
Reel Diameter
7 inches
Reel Width
8 mm
Units per Reel
3000
Table 1: PA2423U Tape and Reel Information
Figure 7: PA2423U Tape and Reel Diagram
Package Dimensions
The PA2423U is packaged in a 1.6 mm x 3.0 mm 6 pin QFN package, with a height of 0.5 mm. The detailed package
drawing is shown in Figure 8. The underside of the package is an exposed die-pad structure. This allows for direct
soldering to the PCB for enhanced thermal conductivity. The package dimensions are shown in the drawing below.
The PA2423U is lead free.
Figure 8: PA2423U Package Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com