Electronic Components Datasheet Search
  English  ▼

X  

QSBT40 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # QSBT40
Description  QUAD DATA LINE SCHOTTKY BUS TERMINATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

QSBT40 Datasheet(HTML) 1 Page - Diodes Incorporated

  QSBT40 Datasheet HTML 1Page - Diodes Incorporated QSBT40 Datasheet HTML 2Page - Diodes Incorporated QSBT40 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30195 Rev. 12 - 2
1 of 3
QSBT40
www.diodes.com
ã Diodes Incorporated
QSBT40
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Features
·
Case: SOT-363
·
Case material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Please See Ordering Information, Note 7, on
Page 2
·
Polarity: See Diagram
·
Marking Code: KST (See Page 2)
·
Weight: 0.006 grams (approx.)
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Low Forward Voltage Drop
·
Fast Switching
·
Very High Density
·
Ultra-Small Surface Mount Package PN Junction Guard Ring
for Transient and ESD Protection
·
Provide transient protection for high-speed data lines in
accordance with:
IEC61000-4-2 (ESD) 15kV (Air), 8kV (Contact)
IEC61000-4-4 (EFT) 80A (tp = 5/50 ns)
IEC61000-4-5 (Lightning) Class 3
·
Lead Free/RoHS Compliant (Note 5)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current (Note 1)
IFM
200
mA
Non-Repetitive Peak Forward Surge Current
@ t < 1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +125
°C
Notes:
1.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration test pulse used to minimize self-heating effect.
3.
At VR = 0V, DL(X) to VCC or GND.
4.
At VR = 0V, between Data Lines (e.g., DL1 and DL4).
5.
No purposefully added lead.
A
M
J
L
D
B C
H
K
G
F
TOP VIEW
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
¾
¾
V
IR = 100
mA
Forward Voltage
VF
¾¾
280
350
450
550
1000
mV
IF = 0.1mA, tp < 300µS
IF = 1.0mA, tp < 300µS
IF = 10mA, tp < 300µS
IF = 30mA, tp < 300µS
IF = 100mA, tp < 300µS
Reverse Current (Note 2)
IR
¾¾
2
mA
VR = 25V
Total Capacitance
CT
¾
10.0
6.5
¾
pF
VR = 0, f = 1.0MHz (Note 3)
VR = 0, f = 1.0MHZ (Note 4)
Reverse Recovery Time
trr
¾¾
5.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
DL2
DL1
GND
VCC
DL3
DL4
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
SPICE MODEL: QSBT40


Similar Part No. - QSBT40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40 DIODES-QSBT40 Datasheet
106Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
QSBT40-13-F DIODES-QSBT40-13-F Datasheet
85Kb / 4P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev 16
QSBT40-7 DIODES-QSBT40-7 Datasheet
51Kb / 2P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
QSBT40-7-F DIODES-QSBT40-7-F Datasheet
106Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
More results

Similar Description - QSBT40

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40 Datasheet
51Kb / 2P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
DS30195 Rev. 7 - 2
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40 Datasheet
132Kb / 3P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_08 Datasheet
106Kb / 3P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev. 15 - 2 May 2008
logo
Pan Jit International I...
PJ4L40 PANJIT-PJ4L40_08 Datasheet
150Kb / 3P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Diodes Incorporated
QSBT40 DIODES-QSBT40_15 Datasheet
85Kb / 4P
QUAD DATA LINE SCHOTTKY BUS TERMINATOR
Rev 16
logo
Pan Jit International I...
PJ4L40W6 PANJIT-PJ4L40W6 Datasheet
132Kb / 5P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40 PANJIT-PJ4L40_16 Datasheet
588Kb / 6P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
PJ4L40W6 PANJIT-PJ4L40W6_16 Datasheet
132Kb / 5P
QUAD SCHOTTKY DATA LINE BUS TERMINATOR
logo
Murata Power Solutions ...
1600 MURATA-PS-1600 Datasheet
95Kb / 2P
Quad Data-bus Isolators
logo
Schneider Electric
TM7ACTLA SCHNEIDER-TM7ACTLA Datasheet
71Kb / 1P
line terminator TM7 - M12 - bus CANopen
Jan 7, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com