Electronic Components Datasheet Search
  English  ▼

X  

KMZ10C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KMZ10C
Description  Magnetic field sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ10C Datasheet(HTML) 2 Page - NXP Semiconductors

  KMZ10C Datasheet HTML 1Page - NXP Semiconductors KMZ10C Datasheet HTML 2Page - NXP Semiconductors KMZ10C Datasheet HTML 3Page - NXP Semiconductors KMZ10C Datasheet HTML 4Page - NXP Semiconductors KMZ10C Datasheet HTML 5Page - NXP Semiconductors KMZ10C Datasheet HTML 6Page - NXP Semiconductors KMZ10C Datasheet HTML 7Page - NXP Semiconductors KMZ10C Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Mar 24
2
Philips Semiconductors
Product specification
Magnetic field sensor
KMZ10C
DESCRIPTION
The KMZ10C is a magnetic field sensor, employing the
magnetoresistive effect of thin-film permalloy. Its
properties enable this sensor to be used in a wide range of
applications for current and field measurement, revolution
counters, angular or linear position measurement and
proximity detectors, etc.
PINNING
PIN
SYMBOL
DESCRIPTION
1+VO
output voltage
2
GND
ground
3
−VO
output voltage
4VCC
supply voltage
handbook, halfpage
MBA737
123 4
H y
H x
Fig.1 Simplified outline.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
DC supply voltage
−
5
−
V
Tbridge
bridge operating temperature
−40
−
+150
°C
Hy
magnetic field strength
−7.5
−
+7.5
kA/m
Hx
auxiliary field
−
3
−
kA/m
S
sensitivity
−
1.5
−
Rbridge
bridge resistance
1
−
1.8
k
Ω
Voffset
offset voltage
−1.5
−
+1.5
mV/V
mV V
⁄
kA m
⁄
-----------------
CIRCUIT DIAGRAM
Fig.2 Simplified circuit diagram.
handbook, full pagewidth
MLC716
4
3
2
V
CC
1
+VO
–VO
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com