Electronic Components Datasheet Search
  English  ▼

X  

B340LB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B340LB
Description  3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B340LB Datasheet(HTML) 1 Page - Diodes Incorporated

  B340LB Datasheet HTML 1Page - Diodes Incorporated B340LB Datasheet HTML 2Page - Diodes Incorporated B340LB Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS30240 Rev. 6 - 2
1 of 3
B340LA/B
www.diodes.com
ã Diodes Incorporated
B340LA/B
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Features
·
Very Low Forward Voltage Drop
·
Guard Ring Die Construction for Transient Protection
·
Ideally Suited for Automatic Assembly
·
Low Power Loss, High Efficiency
·
Surge Overload Rating to 70A Peak
·
Lead Free Finish/RoHS Compliant (Note 3)
Mechanical Data
·
Case: SMA/SMB
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking: See Last Page
·
Approximate Weight: SMA 0.064 grams
SMB 0.093 grams
Single phase, half wave, 60Hz, resistive or inductive load unless otherwise noted.
For capacitive load, derate current by 20%.
A
B
C
D
G
H
E
J
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current (Note 1)
TT = 90°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current, single
sine-wave superimposed on rated load, 60Hz
IFSM
70
A
Operating and Storage Temperature Range
Tj, TSTG
-40 to +125
°C
Notes:
1. When mounted on alumina substrate, 180° half sine wave.
2. Short duration test pulse used to minimize self-heating effect.
3. RoHS revision 13.2.2003. High Temperature Solder Exemption Applied, see EU Directive Annex Note 7.
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
Reverse Breakdown Voltage (Note 2)
V(BR)R
40
¾
¾
V
IR = 2.0mA
Forward Voltage Drop
VF
¾
¾
0.310
¾
0.350
0.450
V
IF = 1.0A
IF = 3.0A
Leakage Current (Note 2)
IR
¾
¾
150
uA
VR = 15V
VR = 20V
VR = 40V
¾
¾
1.0
2.0
mA
Total Capacitance
CT
¾
180
¾
pF
f = 1MHz, VR = 4.0VDC
Thermal Resistance, Junction to Terminal
RqJT
¾
25
¾
°C/W
¾
Maximum Ratings
@ TA = 25°C unless otherwise specified
Electrical Characteristics @ TA = 25°C unless otherwise specified
Dim
SMA
SMB
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
B
4.00
4.60
4.06
4.57
C
1.27
1.63
1.96
2.21
D
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
G
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
J
2.01
2.30
2.00
2.40
All Dimensions in mm
“A” Suffix Designates SMA Package
“B” Suffix Designates SMB Package
SPICE MODELS: B340LA B340LB


Similar Part No. - B340LB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LB DIODES-B340LB Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
logo
Vishay Siliconix
B340LB VISHAY-B340LB Datasheet
104Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
20-Apr-09
B340LB VISHAY-B340LB Datasheet
101Kb / 4P
High Current Density Surface-Mount Schottky Rectifier
11-Mar-2021
logo
Diodes Incorporated
B340LB-13 DIODES-B340LB-13 Datasheet
98Kb / 4P
Very Low Forward Voltage Drop
Rev 10
B340LB-13-F DIODES-B340LB-13-F Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
More results

Similar Description - B340LB

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SL32 WTE-SL32 Datasheet
40Kb / 3P
3.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
logo
Sanyo Semicon Device
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Diodes Incorporated
B340LA DIODES-B340LA_10 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 10
logo
Zibo Seno Electronic En...
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER DIODE
logo
PACELEADER INDUSTRIAL
SL32-AL PACELEADER-SL32-AL Datasheet
594Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com