Electronic Components Datasheet Search
  English  ▼

X  

KMZ41 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KMZ41
Description  Magnetic field sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ41 Datasheet(HTML) 2 Page - NXP Semiconductors

  KMZ41 Datasheet HTML 1Page - NXP Semiconductors KMZ41 Datasheet HTML 2Page - NXP Semiconductors KMZ41 Datasheet HTML 3Page - NXP Semiconductors KMZ41 Datasheet HTML 4Page - NXP Semiconductors KMZ41 Datasheet HTML 5Page - NXP Semiconductors KMZ41 Datasheet HTML 6Page - NXP Semiconductors KMZ41 Datasheet HTML 7Page - NXP Semiconductors KMZ41 Datasheet HTML 8Page - NXP Semiconductors KMZ41 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000 Apr 18
2
Philips Semiconductors
Preliminary specification
Magnetic field sensor
KMZ41
DESCRIPTION
The KMZ41 is a sensitive magnetic field sensor,
employing the magnetoresistive effect of thin-film
permalloy. The sensor contains two galvanic separated
Wheatstone bridges. Its properties enable this sensor to
be used in angle measurement applications under strong
field conditions. A rotating magnetic field
strength > 40 kA/m (recommended field
strength > 100 kA/m) in the x-y plane will deliver a
sinusoidal output signal. The sensor can be operated at
any frequency between DC and 1 MHz.
PINNING
PIN
SYMBOL
DESCRIPTION
1
−VO1
output voltage bridge 1
2
−V
O2
output voltage bridge 2
3VCC2
supply voltage bridge 2
4VCC1
supply voltage bridge 1
5+VO1
output voltage bridge 1
6+VO2
output voltage bridge 2
7
GND2
ground 2
8
GND1
ground 1
Fig.1 Simplified outline SOT96-1.
handbook, halfpage
4
1
5
8
MGD790
pin 1
index
x
y
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC1
bridge supply voltage
−
59V
VCC2
bridge supply voltage
−
59V
S
sensitivity (
α
1 =45°; α2 =0°)
2.44
2.72
3.00
mV/
°
Rbridge
bridge resistance
2
2.5
3
k
Ω
Voffset1
offset voltage
−2
−
+2
mV/V
Voffset2
offset voltage
−2
−
+2
mV/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com