Electronic Components Datasheet Search
  English  ▼

X  

560C Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 560C
Description  Audio Broadcast Quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

560C Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  560C Datasheet HTML 1Page - Hammond Manufacturing Ltd. 560C Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11/18/23, 7:51 AM
Audio Broadcast Quality (560 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/transformers/audio/560
1/2
Audio Broadcast Quality 560 Series
Features
Rugged black epoxy potted case with 9 pin connections (.025" square by 0.5" long).
Frequency response minimum @ 0 dbm +/- 1 db max. (+/- 0.5 db is typical) of 30 Hz. to
30 Khz., except 560Q which is 30 Hz. to 15 Khz. - see data sheets below for more detail.
Higher signal levels possible with reduced low frequency performance.
Insertion loss of 1 db maximum
Electrostatic shield between primary & secondary connected to core and brought out to
pin "SH".
Humbucking construction
Balanced split windings on pri. & sec. for circuit versatility.
Primaries and secondaries can be reversed for impedance matching.
Overall dimensions 1.64" (41.7 mm) x 1.33" (33.8 mm) x 0.85" (21.6 mm) high max.
Shipping weight 4 oz. (0.1 kg)
Part No.
Application
Nominal Impedance (Ohms)
Overall Dimensions
Primary
Secondary
A
B
C
D
E
F
G
H
560C
Emitter or mic to Line
12/48
150/600
1.33
1.64
0.85
0.20
1.30
0.14
0.36
0.17
560E
Emitter or mic to Line
50/200
150/600
1.33
1.64
0.85
0.20
1.30
0.14
0.36
0.17
560G
Isolating or Hybrid
150/600
150/600
1.33
1.64
0.85
0.20
1.30
0.14
0.36
0.17
560J
Collector to Line or Line to Base
150/600
1200/4800
1.33
1.64
0.85
0.20
1.30
0.14
0.36
0.17
Quality Products. Service Excellence.


Similar Part No. - 560C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
560 LITTELFUSE-560 Datasheet
117Kb / 1P
SUBMINIATURE FUSEHOLDERS
logo
Mallory performance clu...
560 MALLORY-560 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
Productwell Precision E...
560 PRODUCTWELL-560 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
Intel Corporation
560 INTEL-560 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Oscilent Corporation
560 OSCILENT-560 Datasheet
134Kb / 2P
HCMOS / TTL
More results

Similar Description - 560C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
logo
Faraday Technology
AH854 FARADAY-AH854 Datasheet
46Kb / 2P
FULLY BUFFERED BROADCAST QUALITY HYBRID VIDEO FILTER
logo
Synaptics Incorporated.
CX23885 CONEXANT-CX23885 Datasheet
216Kb / 2P
PCI Express Broadcast Audio/Video
logo
General Cable Technolog...
C1202 GENERAL-C1202 Datasheet
73Kb / 1P
Audio/Video & Broadcast Cable
C1331A GENERAL-C1331A Datasheet
74Kb / 1P
Audio/Video & Broadcast Cable
C1343A GENERAL-C1343A Datasheet
75Kb / 1P
Audio/Video & Broadcast Cable
logo
Switchcraft, Inc.
25AF25X SWITCH-25AF25X Datasheet
6Mb / 102P
Pro Audio & Broadcast Catalog
25AN25X SWITCH-25AN25X Datasheet
6Mb / 102P
Pro Audio & Broadcast Catalog
logo
List of Unclassifed Man...
TT253NC ETC1-TT253NC Datasheet
6Mb / 101P
Pro Audio & Broadcast Catalog
logo
Hammond Manufacturing L...
800A HAMMOND-800A Datasheet
208Kb / 3P
Audio Broadcast Quality 800A Series
3/1/22, 7:09 PM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com