Electronic Components Datasheet Search
  English  ▼

X  

P8F Datasheet(PDF) 56 Page - Knowles Electronics

Part # P8F
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

P8F Datasheet(HTML) 56 Page - Knowles Electronics

Back Button P8F Datasheet HTML 52Page - Knowles Electronics P8F Datasheet HTML 53Page - Knowles Electronics P8F Datasheet HTML 54Page - Knowles Electronics P8F Datasheet HTML 55Page - Knowles Electronics P8F Datasheet HTML 56Page - Knowles Electronics P8F Datasheet HTML 57Page - Knowles Electronics P8F Datasheet HTML 58Page - Knowles Electronics P8F Datasheet HTML 59Page - Knowles Electronics P8F Datasheet HTML 60Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
www.knowlescapacitors.com
54
Applications
• MRI / NMR Systems
• Radios / Jammers
• Power Amplifiers
• Radar
• Avionics Instrumentation
• Test Equipment
Characteristics
• Precision machined design. US Patent No. 8,248,198
• 7mm high in SMD, Vertical SMD and thru-hole versions
• Nominal values of 32 to 118nH, 2 to 7 turns
• Q as high at 121 @ 100MHz, SRF 0.7 to 1.2GHz
• Superb shock, vibration and thermal tolerances
• -40ºC to +85ºC
• Customized version requests welcomed
Part No.
L (nH)
Q
(@ 100MHz)
SRF
(GHz)
Turns
Thread
(mm)
Min
Nom
Max
No Core
JLC02E030TRSM
32
33
34
39
90
1.2
2
6
JLC03E048TRSM
46
49
52
59
95
1
3
6
JLC04E065TRSM
60
64
68
78
101
0.9
4
6
JLC05E088TRSM
74
81
87
99
114
0.9
5
8
JLC06E110TRSM
94
107
119
123
119
0.7
6
8
JLC07E130TRSM
104
118
133
142
121
0.7
7
10
JLC09E160TRSM
122
139
170
191
162
0.58
9
13
JLC13E250TRSM
185
219
270
294
199
0.43
13
18
JLC19E375TRSM
281
345
436
457
171
0.31
19
25
Part No.
L (nH)
Q
(@ 100MHz)
SRF
(GHz)
Turns
Thread
(mm)
Min
Nom
Max
No Core
JLC02E030TRVSM
32
33
34
39
90
1.2
2
6
JLC03E048TRVSM
46
49
52
59
95
1
3
6
JLC04E065TRVSM
60
64
68
78
101
0.9
4
6
JLC05E088TRVSM
74
81
87
99
114
0.9
5
8
JLC06E110TRVSM
94
107
119
123
119
0.7
6
8
JLC07E130TRVSM
104
118
133
142
121
0.7
7
10
Part No.
L (nH)
Q
(@ 100MHz)
SRF
(GHz)
Turns
Thread
(mm)
Min
Nom
Max
No Core
JLC02E030TRVPC
32
33
34
39
90
1.2
2
6
JLC03E048TRVPC
46
49
52
59
95
1
3
6
JLC04E065TRVPC
60
64
68
78
101
0.9
4
6
JLC05E088TRVPC
74
81
87
99
114
0.9
5
8
JLC06E110TRVPC
94
107
119
123
119
0.7
6
8
JLC07E130TRVPC
104
118
133
142
121
0.7
7
10
Non-Magnetic Variable Inductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com