Electronic Components Datasheet Search
  English  ▼

X  

BC856BW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC856BW
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856BW Datasheet(HTML) 1 Page - Diodes Incorporated

  BC856BW Datasheet HTML 1Page - Diodes Incorporated BC856BW Datasheet HTML 2Page - Diodes Incorporated BC856BW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
BC856AW - BC858CW
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. 7 - 2
1 of 3
BC856AW - BC858CW
www.diodes.com
ã Diodes Incorporated
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Current gain subgroup “C” is not available for BC856W.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date
code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
BC856
BC857
BC858
VCBO
-80
-50
-30
V
Collector-Emitter Voltage
BC856
BC857
BC858
VCEO
-65
-45
-30
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Marking Code (Note 2)
Type
Marking
Type
Marking
BC856AW
K3A
BC857CW
K3G
BC856BW
K3B
BC858AW
K3J, K3A, K3V
BC857AW
K3V, K3A
BC858BW
K3K, K3B, K3W
BC857BW
K3W, K3B
BC858CW
K3L, K3G
Maximum Ratings @ TA = 25°C unless otherwise specified
Features
·
Ideally Suited for Automatic Insertion
·
Complementary NPN Types Available (BC846W-BC848W)
·
For Switching and AF Amplifier Applications
·
Lead Free/RoHS Compliant (Note 3)
·
"Green" Device (Note 4 and 5)
·
Case: SOT-323
·
Case Material: Molded Plastic, "Green" Molding
Compound, Note 5. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Pin Connections: See Diagram
·
Marking Code: See Table Below & Diagram on Page 2
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.006 grams (approximate)
Mechanical Data
A
M
J
L
F
D
B C
H
K
G
B
E
C
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0°
8°
All Dimensions in mm
SPICE MODELS: BC856AW BC856BW BC857AW BC857BW BC857CW BC858AW BC858BW BC858CW


Similar Part No. - BC856BW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC856BW SIEMENS-BC856BW Datasheet
273Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC856BW DIODES-BC856BW Datasheet
47Kb / 2P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30251 Rev. A-2
logo
Infineon Technologies A...
BC856BW INFINEON-BC856BW Datasheet
229Kb / 8P
PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC856BW DIOTEC-BC856BW Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Weitron Technology
BC856BW WEITRON-BC856BW Datasheet
544Kb / 6P
General Purpose Transistor PNP Silicon
More results

Similar Description - BC856BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com