Electronic Components Datasheet Search
  English  ▼

X  

AP5 Datasheet(PDF) 36 Page - Knowles Electronics

Part # AP5
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AP5 Datasheet(HTML) 36 Page - Knowles Electronics

Back Button AP5 Datasheet HTML 32Page - Knowles Electronics AP5 Datasheet HTML 33Page - Knowles Electronics AP5 Datasheet HTML 34Page - Knowles Electronics AP5 Datasheet HTML 35Page - Knowles Electronics AP5 Datasheet HTML 36Page - Knowles Electronics AP5 Datasheet HTML 37Page - Knowles Electronics AP5 Datasheet HTML 38Page - Knowles Electronics AP5 Datasheet HTML 39Page - Knowles Electronics AP5 Datasheet HTML 40Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
www.knowlescapacitors.com
34
Glass and Quartz Trimmers - Specifications
Design Features
The unique Voltronics non-rotating precision trimmer capacitor
design offers the following advantages over conventional rotating
types:
Linear tuning with no reversals
A true high frequency device with high Q’s, low RF losses, low
constant inductance and high self-resonant frequencies
A superior seal because the screw head and O-ring do not move
in and out
Greater life - 10,000 cycles minimum
Much smaller sealed MIL sizes
Ability to provide extended metal or plastic shafts
General Specifications
(where not specified on detail pages)
Dielectric
The dielectric is a tube which has been precision drawn in a vacuum
so that its inner diameter is held within ±0.0002”. The choices are:
1. Annular Band Glass: A solid tube of a specially selected
formulation of glass which is metallized on the outside.
2. Embedded Band Glass: Two tubes of glass fired together
with a metallized silver band embedded between them.
The inner tube is only 0.005” thick to provide much higher
capacitance values.
3. Quartz: A pure-grade silicon oxide offering higher Q and
voltage ratings in each size with the trade-off of lower
capacitance and higher cost.
Piston Action
Non-rotating.
Blind Hole Tuning
Screw head does not move in and out.
Linearity
± 1% with no capacitance reversals.
Resolution
#2-72 tuning screw for fine tuning - approximate pico-farads
per turn in active tuning range:
1. Annular band glass
0.6 to 0.8
2. Embedded band glass
2.3 to 3.0
3. Quartz
0.3 to 0.36
4. “H” Series high range glass 3.9 to 4.2
Insulation Resistance
Annular band glass and quartz:
106 MΩ at 25°C to 125°C
Embedded band glass:
106 MΩ at 25°C
105 MΩ at 125°C
Tuning Torque
1 to 8 inch ounces.
Life
Over 10,000 cycles.
Temperature Coefficient
Annular Band Glass:
±50 ppm/°C
Embedded Band Glass: ±150 ppm/°C
Quartz:
0 to +50 ppm/°C
Dielectric Withstanding Voltage
Twice DC working voltage (listed with each part).
Capacitance Tuning Range
From below minimum to above maximum value listed for each
part. Capacitance measured at 1 MHz on Boonton Electronics 7600
bridge using Voltronics V1265 guarded test jig. AM measurements
taken with leads perpendicular to unit regardless of final
configuration.
Temperature Range
All glass dielectrics: -55°C to 125°C
Quartz dielectric:
-55°C to 150°C
Other Specifications
All other specifications including vibration, shock, moisture and seal
(where applicable) per MIL-C-14409D.
Drawing Tolerances (where not specified)
Decimal: XXX ±.016”
XX ±.03”
Quality Factor
Recommended Tuning Tools: TT-100 or TT-600
% of Q at 1MHz
% of Q at 1MHz
Frequency (MHz)
20
0
25
50
75
100
40
60
80
100 120
20
0
25
50
75
100
40
60
80
100 120
Frequency (MHz)
ANNUALAR BAND CAPACITORS
EMBEDDED BAND CAPACITORS
4.5
- 12pF
18pF
30pF
10 - 16p
F
28 - 36p
F
60 - 75p
F
90 - 120pF
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com