Electronic Components Datasheet Search
  English  ▼

X  

AP10-5 Datasheet(PDF) 15 Page - Knowles Electronics

Part # AP10-5
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AP10-5 Datasheet(HTML) 15 Page - Knowles Electronics

Back Button AP10-5 Datasheet HTML 11Page - Knowles Electronics AP10-5 Datasheet HTML 12Page - Knowles Electronics AP10-5 Datasheet HTML 13Page - Knowles Electronics AP10-5 Datasheet HTML 14Page - Knowles Electronics AP10-5 Datasheet HTML 15Page - Knowles Electronics AP10-5 Datasheet HTML 16Page - Knowles Electronics AP10-5 Datasheet HTML 17Page - Knowles Electronics AP10-5 Datasheet HTML 18Page - Knowles Electronics AP10-5 Datasheet HTML 19Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
www.knowlescapacitors.com
13
Johanson Air Trimmers - Product Guide
Johanson
Part No.
Capacitance
Range (pF)
Number of
Turns
Working
Voltage
(VDC)
Tuning
Torque
(oz. in)
Q
@ 100 MHz
Page
5200
0.8 to 10pF
>6
250
1 - 5
>5000
17
5201
16
5202
17
5302
1 to 10pF
>10
500
1 - 6
>2000
17
5400
1 to 14pF
>6
250
1 - 5
>3000
17
5401
16
5402
17
5451
1 to 16pF
>6
250
1 - 5
>3000
16
5453
1.5 to 16pF
18
5500
1 to 20pF
>12
250
1 - 5
>1500
17
5501
16
5502
17
5600
1 to 30pF
>20
250
1 - 5
>800
17
5601
16
5602
17
5700
0.6 to 6pF
>7
250
0.4 - 4
>10000
16
5701
16
5702
17
5750
0.8 to 10pF
>8
250
0.4 - 4
>7500
16
5751
16
5752
17
5753
1 to 10pF
18
5800
0.35 to 3.5pF
>9
250
0.3 - 3
>10000
17
5801
16
5802
17
5850
0.5 to 5pF
>12
250
0.3 - 3
>7500
17
5851
16
5852
17
5853
0.6 to 5pF
18
8050
0.7 to 6pF
>7
250
0.4 - 4
>10000
18
8051
0.6 to 3.5pF
>10
0.3 - 3
8052
1 to 10pF
>6
1 - 5
>5000
8053
1.5 to 14pF
>6
>3000
8054
1.5 to 20pF
>12
>1500
8090
1 to 10pF
>6
250
1 - 5
>2000
18
8091
1.5 to 14pF
8092
8093



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com