Electronic Components Datasheet Search
  English  ▼

X  

TC1427CPA Datasheet(PDF) 12 Page - Microchip Technology

Part # TC1427CPA
Description  1.2A Dual High-Speed MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1427CPA Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC1427CPA Datasheet HTML 6Page - Microchip Technology TC1427CPA Datasheet HTML 7Page - Microchip Technology TC1427CPA Datasheet HTML 8Page - Microchip Technology TC1427CPA Datasheet HTML 9Page - Microchip Technology TC1427CPA Datasheet HTML 10Page - Microchip Technology TC1427CPA Datasheet HTML 11Page - Microchip Technology TC1427CPA Datasheet HTML 12Page - Microchip Technology TC1427CPA Datasheet HTML 13Page - Microchip Technology TC1427CPA Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TC1426/TC1427/TC1428
DS21393C-page 12
© 2006 Microchip Technology Inc.
READER RESPONSE
It is our intention to provide you with the best documentation possible to ensure successful use of your Microchip prod-
uct. If you wish to provide your comments on organization, clarity, subject matter, and ways in which our documentation
can better serve you, please FAX your comments to the Technical Publications Manager at (480) 792-4150.
Please list the following information, and use this outline to provide us with your comments about this document.
To:
Technical Publications Manager
RE:
Reader Response
Total Pages Sent ________
From: Name
Company
Address
City / State / ZIP / Country
Telephone: (_______) _________ - _________
Application (optional):
Would you like a reply?
Y
N
Device:
Literature Number:
Questions:
FAX: (______) _________ - _________
DS21393C
TC1426/TC1427/TC1428
1.
What are the best features of this document?
2.
How does this document meet your hardware and software development needs?
3.
Do you find the organization of this document easy to follow? If not, why?
4.
What additions to the document do you think would enhance the structure and subject?
5.
What deletions from the document could be made without affecting the overall usefulness?
6.
Is there any incorrect or misleading information (what and where)?
7.
How would you improve this document?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com