Electronic Components Datasheet Search
  English  ▼

X  

BAS16T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS16T
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16T Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS16T_1 Datasheet HTML 1Page - Diodes Incorporated BAS16T_1 Datasheet HTML 2Page - Diodes Incorporated BAS16T_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30260 Rev. 7 - 2
2 of 3
BAS16T, BAW56T, BAV70T, BAV99T
www.diodes.com
0
50
100
150
200
300
200
250
100
150
50
0
Single diode loaded
Double diode loaded
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information (Note 4)
Device
Packaging
Shipping
BAS16T-7-F
SOT-523
3000/Tape & Reel
BAW56T-7-F
SOT-523
3000/Tape & Reel
BAV70T-7-F
SOT-523
3000/Tape & Reel
BAV99T-7-F
SOT-523
3000/Tape & Reel
0.1
1
10
100
1000
10000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.3 Typical Reverse Characteristics
R
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 150ºC
A
T = 0ºC
A
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Forward Characteristics
F
T = -40ºC
A
T = 150ºC
A
T = 75ºC
A
T = 25ºC
A
T= 0ºC
A
Notes:
3. Short duration test pulse to minimize self-heating effect.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 3)
V(BR)R
85
¾¾
V
IR = 100
mA
Forward Voltage
VF
¾¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 3)
IR
¾¾
2.0
100
60
30
mA
mA
mA
nA
VR = 75V
VR = 75V, Tj = 150
°C
VR = 25V, Tj = 150
°C
VR = 25V
Total Capacitance
CT
¾
1.5
¾
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
0.0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , REVERSE VOLTAGE (V)
Fig.4 Typical Capacitance vs. Reverse Voltage
R
f = 1.0MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com