Electronic Components Datasheet Search
  English  ▼

X  

BAS116T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS116T
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116T Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS116T Datasheet HTML 1Page - Diodes Incorporated BAS116T Datasheet HTML 2Page - Diodes Incorporated BAS116T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30258 Rev. 10 - 2
1 of 3
BAS116T, BAW156T, BAV170T, BAV199T
www.diodes.com
ã Diodes Incorporated
BAS116T, BAW156T,
BAV170T, BAV199T
SURFACE MOUNT LOW LEAKAGE DIODE
·
Case: SOT-523
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Polarity: See Diagrams Below
·
Marking: See Diagrams Below & Page 3
·
Weight: 0.002 grams (approx.)
·
Ordering Information: See Page 3
Mechanical Data
A
M
J
L
D
B C
H
K
G
TOP VIEW
C
E
B
N
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
BAV199T Marking: 52
BAV170T Marking: 51
BAW156T Marking: 53
BAS116T Marking: 50
·
Ultra-Small Surface Mount Package
·
Very Low Leakage Current
·
Lead Free/RoHS Compliant (Note 2)
·
Qualified to AEC-Q101 Standards for High Reliability
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 1)
Single Diode
Double Diode
IFM
215
125
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm
Notes: 1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
SPICE MODELS: BAS116T BAW156T BAV170T BAV199T


Similar Part No. - BAS116T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T Datasheet
55Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30258 Rev. 5 - 2
BAS116T DIODES-BAS116T Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
logo
Nexperia B.V. All right...
BAS116T NEXPERIA-BAS116T Datasheet
248Kb / 11P
Single low leakage current switching diode
logo
Diodes Incorporated
BAS116T-7 DIODES-BAS116T-7 Datasheet
56Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30258 Rev. 5 - 2
BAS116T-7-F DIODES-BAS116T-7-F Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
More results

Similar Description - BAS116T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 10 - 2
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 10
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 4
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com