Electronic Components Datasheet Search
  English  ▼

X  

2SA73 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 2SA73
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

2SA73 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  2SA73 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA73 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA73 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 2SA73 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= -5μA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-60 V , IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-0.1
μA
DC current gain
hFE
VCE=-6V, IC= -1mA
120
475
hFE
VCE=-6V, IC= -0.1mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-100 mA, IB= -10mA
-0.18
-0.3
V
Base-emitter saturation voltage
VBE(on)
VCE=-6V, IC= -1.0mA
-0.58
-0.62
-0.68
V
Transition frequency
fT
VCE=-6V, IC= -10mA
f=30MHz
50
MHz
Collector Output Capacitance
Cob
VCE=-10V, IE= 0
f=1MHz
4.5
7
pf
Noise Figure
NF
VCE=-6V, IC= -0.3mA
Rg=10kΩ; f=100Hz
6
20
dB
CLASSIFICATION OF hFE
Rank
L
H
Range
120-220
220-475
www.umw-ic.com
2
友台半导体有限公司
SOT-23 Plastic-Encapsulate Transistors
UMW
R
UMW 2SA73



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com