Electronic Components Datasheet Search
  English  ▼

X  

7022 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 7022
Description  This series of detectors can detect fixed voltages from 2.2V to 7V.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

7022 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  7022 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 7022 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 7022 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 7022 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 7022 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 7022 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 7022 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 7022 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver 2.0
系列
低电压检测器
■ 产品简介
系列是一款采用
CMOS 技术实现的三端口低电压检测器。该系列检测器能检测 2.2V~7V 的固定
电压,检测器由
4 部分组成,高精度低功耗的标准电压源、比较器、滞后电路、输出驱动。CMOS 技术确
保了低功耗,尽管检测器主要是设计成固定电压的检测,但通过外围元件也能检测用户所指定的阀值电压
(仅限
NMOS 开漏类型)。
■ 产品特点
■ 产品用途
■ 封装形式和管脚定义功能
■ 功能框图
■ 内置滞后特性
Vref
VDD
GND
Vout
●
低功耗,典型值:2.0uA
●
宽工作电压范围:1.5V~12V
●
低温漂检测电压:典型值±50pp m/℃
●
电池检测器,电平选择器
●
掉电检测器
●
微机复位
●
内置滞后特性
●
高精度电压值检测:±
3%
●
小体积封装:
●
非易失性
RAM 信号存储保护器
●
电池存储备份
70XX
UMW
R
UMW 70XX
70XX
1
www.umw-ic.com
友台半导体有限公司
管脚序号
管脚定义
功能说明
TO92
SOT89-3
SOT23-3
1
1
1
OUT
芯片输出端
2
2
3
VDD
芯片输入端
3
3
2
GND
芯片接地端
SOT89-3、TO92、SOT23-3
UMW 70XX


Similar Part No. - 7022

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7022 GILWAY-7022 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
Bourns Electronic Solut...
7022 BOURNS-7022 Datasheet
55Kb / 1P
Common Mode EMI Chokes
7022-RC BOURNS-7022-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
logo
Schurter Inc.
7022.0000 SCHURTER-7022.0000 Datasheet
83Kb / 1P
Miniature Fuses super-quick-acting FF
7022.0010 SCHURTER-7022.0010 Datasheet
83Kb / 1P
Miniature Fuses super-quick-acting FF
More results

Similar Description - 7022

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
SC-100 SLPOWER-SC-100 Datasheet
89Kb / 2P
Output voltages from 3.3 V to 48 V
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
logo
XP Power Limited
AEH XPPOWER-AEH Datasheet
617Kb / 5P
Output Voltages from 2.5 V to 48 V
logo
List of Unclassifed Man...
60001-003 ETC2-60001-003 Datasheet
281Kb / 5P
The optical isolator can accommodate standard operating voltages from 5 to 28 VDC
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
logo
PHOENIX CONTACT
2702502 PHOENIX-2702502 Datasheet
82Kb / 4P
This terminal can be used to acquire signals from standard thermocouples.
2702504 PHOENIX-2702504 Datasheet
81Kb / 4P
This terminal can be used to acquire signals from standard thermocouples.
logo
Maxim Integrated Produc...
MAX8513EVKIT MAXIM-MAX8513EVKIT Datasheet
709Kb / 9P
This EV kit operates from 9V to 16V, generating three positive output voltages
Rev 0; 4/04
MAX17502FTEVKIT MAXIM-MAX17502FTEVKIT Datasheet
734Kb / 8P
Operates from a 7V to 60V Input Supply
Rev 2; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com