Electronic Components Datasheet Search
  English  ▼

X  

SDM20E40C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM20E40C
Description  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM20E40C Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM20E40C Datasheet HTML 1Page - Diodes Incorporated SDM20E40C Datasheet HTML 2Page - Diodes Incorporated SDM20E40C Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30276 Rev. 6 - 2
1 of 3
SDM20E40C
www.diodes.com
ã Diodes Incorporated
SDM20E40C
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
·
Case: SC-59
·
Case Material: Molded Plastic, "Green" Molding
Compound, Note 5. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Copper leadframe).
·
Polarity: See Diagram
·
Marking: KSS + Date Code (See Page 3)
·
Weight: 0.008 grams (approximate)
Mechanical Data
A
M
J
L
D
B C
H
K
G
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1.
Mounted on FR4 PC Board with recommended pad layout which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2.
No purposefully added lead.
3.
Short duration test pulse used to minimize self-heating effect.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5.
Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to
Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Low Forward Voltage Drop
·
Common Cathode Configuration
·
Lead Free/RoHS Compliant (Note 2)
·
"Green" Device, Note 4 and 5
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current (Note 1)
IFM
0.4
A
Non-Repetitive Peak Forward Surge Current @ t = 8.3ms
IFSM
2
A
Power Dissipation (Note 1)
Pd
400
mW
Operating Temperature Range
TOP
-30 to +85
°C
Junction Temperature Range
Tj
-30 to +125
°C
Storage Temperature Range
TSTG
-40 to +125
°C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 3)
V(BR)R
40
¾¾
V
IR = 500
mA
Forward Voltage
VF
¾
¾
¾
¾
300
500
mV
IF = 10mA
IF = 200mA
Leakage Current (Note 3)
IR
¾¾
70
mA
VR = 25V
Total Capacitance
CT
¾¾
100
pF
VR = 0V, f = 1.0MHz
SC-59
Dim
Min
Max
A
0.35
0.50
B
1.50
1.70
C
2.70
3.00
D
0.95
G
1.90
H
2.90
3.10
J
0.013
0.10
K
1.00
1.30
L
0.35
0.55
M
0.10
0.20
a
0
°
8
°
All Dimensions in mm
TOP VIEW
SPICE MODEL: SDM20E40C


Similar Part No. - SDM20E40C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
SDM20E40C DIODES-SDM20E40C Datasheet
120Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 8 - 2 July 2008
SDM20E40C DIODES-SDM20E40C Datasheet
204Kb / 5P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
SDM20E40C-7-F DIODES-SDM20E40C-7-F Datasheet
120Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 8 - 2 July 2008
SDM20E40C-7-F DIODES-SDM20E40C-7-F Datasheet
204Kb / 5P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - SDM20E40C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAT54DW DIODES-BAT54DW_1 Datasheet
364Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
BAT54DW DIODES-BAT54DW_08 Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
SDM40E20L DIODES-SDM40E20L_08 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
BAS40V DIODES-BAS40V_08 Datasheet
122Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 4 - 2
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 9
SDM40E20L DIODES-SDM40E20L_15 Datasheet
123Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
BAS40V DIODES-BAS40V_15 Datasheet
259Kb / 5P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 8
SDM20N40A DIODES-SDM20N40A_15 Datasheet
80Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com